Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102HEP Datasheet (PDF) - Davicom Semiconductor, Inc.

DM9102HEP Datasheet PDF - Davicom Semiconductor, Inc.
Part # DM9102HEP
Download  DM9102HEP Download
File Size   965.01 Kbytes
Page   77 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description Single Chip Fast Ethernet NIC Controller

DM9102HEP Datasheet (PDF)

Go To PDF Page Download Datasheet
DM9102HEP Datasheet PDF - Davicom Semiconductor, Inc.

Part # DM9102HEP
Download  DM9102HEP Click to download

File Size   965.01 Kbytes
Page   77 Pages
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.
Description Single Chip Fast Ethernet NIC Controller

DM9102HEP Datasheet (HTML) - Davicom Semiconductor, Inc.


DM9102HEP Product details

General Description

The DM9102H is a fully integrated and cost effective single chip Fast Ethernet NIC controller. It is designed with low power and high performance process. It is a 1.8V/3.3V device with 5V tolerance.

The DM9102H provides direct interface to the PCI bus and supports bus master mode to achieve the high performance of the PCI bus. It fully complies with PCI 2.2. In the media side, the DM9102H interfaces to the UTP3, 4, 5 in 10Base-T and the UTP5 in 100Base-TX. It is fully compliant with the IEEE 802.3u Spec. Its auto-negotiation function will automatically configure the DM9102H to take the maximum advantage of its abilities. The DM9102H also supports IEEE 802.3x’s full-duplex flow control.

The DM9102H supports two types of power management mechanisms. The main mechanism is based on the On Now architecture, which is required for PC99. The alternative mechanism is based upon the remote Wake-On-LAN mechanism.



Features

■ Integrated Fast Ethernet MAC, Physical Layer and Transceiver in one chip.

■ Comply with PCI specification 2.2.

■ PCI clock up to 66MHz.

■ PCI bus master architecture.

■ PCI bus burst mode data transfer.

■ Two large independent transmission and receipt of FIFO

■ Support transmit threshold under-run re-try mode

■ Up to 256K bytes Boot EPROM or Flash interface.

■ EEPROM 93C46 interface automatically supports node ID load and configuration information.

■ Comply with IEEE 802.3u 100Base-TX and 802.3 10Base-T.

■ Comply with IEEE 802.3u auto-negotiation protocol for automatic link type selection.

■ Support IEEE 802.3x Full Duplex Flow Control

■ VLAN frame length support.

■ IP/TCP/UDP checksum generation and checking

■ Comply with ACPI and PCI Bus Power Management.

■ Support the MII (Media Independent Interface) for an external PHY

■ Support Wake-On-LAN function and remote wake-up (Magic packet, Link Change and Microsoft® wake-up frame).

■ Support 4 Wake-On-LAN (WOL) signals (active high pulse, active low pulse, and active high, active low.)

■ High performance 100Mbps clock generator and data recovery circuit.

■ Digital clock recovery circuit, using advanced digital algorithm to reduce jitter.

■ Provides Loopback mode for easy system diagnostics.

■ Support auto-MDIX

■ +1.8/3.3V Power supply with +5V tolerant I/O.

■ 128 pin LQFP with CMOS process.



 




Similar Part No. - DM9102HEP

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
Single Chip Fast Ethernet NIC Controller
More results


Similar Description - DM9102HEP

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715AEC-E MCNIX-MX98715AEC-E Datasheet
201Kb / 39P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER - ENHANCED VERSION
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
Single Chip Fast Ethernet NIC Controller
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
Single Chip Fast Ethernet NIC Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com