Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA5390 Datasheet (PDF) - United Monolithic Semiconductors

CHA5390 Datasheet PDF - United Monolithic Semiconductors
Part # CHA5390
Download  CHA5390 Download
File Size   177.55 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 24-30GHz Medium Power Amplifier

CHA5390 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHA5390 Datasheet PDF - United Monolithic Semiconductors

Part # CHA5390
Download  CHA5390 Click to download

File Size   177.55 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 24-30GHz Medium Power Amplifier

CHA5390 Datasheet (HTML) - United Monolithic Semiconductors


CHA5390 Product details

Description
The CHA5390 is a high gain broadband four stage monolithic medium power amplifier. It is designed for a wide range of applications, from military to commercial communication systems. The backside of the chip is both RF and DC grounded. This helps simplify the assembly process.

Main Features
• Broadband performances : 24-30GHz
• 25dBm output power.
• 24dB gain
• Good broadband matchings
• Low DC power consumption, 460mA @ 5V
• Chip size : 2.99 X 1.31 X 0.10 mm




Similar Part No. - CHA5390

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5390TBF UMS-CHA5390TBF Datasheet
169Kb / 6P
24-30GHz Medium Power Amplifier
CHA5390TBF/24 UMS-CHA5390TBF/24 Datasheet
169Kb / 6P
24-30GHz Medium Power Amplifier
More results


Similar Description - CHA5390

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA4092REF UMS-CHA4092REF Datasheet
66Kb / 4P
20-30GHz High Power Amplifier
CHA5296 UMS-CHA5296 Datasheet
180Kb / 6P
27-30GHz High Power Amplifier
CHA5390TBF UMS-CHA5390TBF Datasheet
169Kb / 6P
24-30GHz Medium Power Amplifier
CHA3693-QDG UMS-CHA3693-QDG Datasheet
389Kb / 10P
20-30GHz Medium Power Amplifier
CHA5296 UMS-CHA5296_07 Datasheet
234Kb / 6P
27-30GHz High Power Amplifier
CHA2093 UMS-CHA2093_03 Datasheet
97Kb / 8P
20-30GHz Low Noise Amplifier
CHA2293 UMS-CHA2293_07 Datasheet
276Kb / 7P
24-30GHz Low Noise, Variable Gain Amplifier
CHR2295 UMS-CHR2295_11 Datasheet
180Kb / 6P
24-30GHz Integrated Down Converter
CHA2193 UMS-CHA2193_15 Datasheet
149Kb / 10P
20-30GHz Low Noise Amplifier
CHA2293 UMS-CHA2293_15 Datasheet
190Kb / 6P
24-30GHz Low Noise, Variable Gain Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com