Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-9130VWG Datasheet (PDF) - Optoway Technology Inc

SPS-9130VWG Datasheet PDF - Optoway Technology Inc
Part # SPS-9130VWG
Download  SPS-9130VWG Download
File Size   173.4 Kbytes
Page   6 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1310 nm / 3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver

SPS-9130VWG Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-9130VWG Datasheet PDF - Optoway Technology Inc

Part # SPS-9130VWG
Download  SPS-9130VWG Click to download

File Size   173.4 Kbytes
Page   6 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 1310 nm / 3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver

SPS-9130VWG Datasheet (HTML) - Optoway Technology Inc


SPS-9130VWG Product details

DESCRIPTION
The SPS-9130VWG is a single mode transceiver module designed to transmit/receive optical serial digital signals as defined in SMPTE 297-2006. It supports from 50 Mbps to 3 Gbps and is specifically designed for transmitted the SMPTE 259M, SMPTE 344M, SMPTE 292M and SMPTE 424M SDI pathological patterns. It is with the SFP 20-pin connector to allow hot plug capability.

FEATURES
● SMPTE 297-2006 Compatible
● Hot-Pluggable SFP Footprint LC Optical Transceiver
● Small Form-Factor Pluggable (SFP) MSA compatible
● Speed from 50 Mbps to 3Gbps with up to 30 km Single-mode Fiber
● Distance up to 30 km for 3G-SDI
● Support Video Pathological Patterns for SD-SDI, HD-SDI and 3G-SDI
● SFF-8472 Digital Diagnostic Function
● Single +3.3 V Power Supply
● RoHS-6 Compliant
● 0 to 70oC Operation
● Hot Pluggable
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● SMPTE 297-2006 Compliant Electrical-to-Optical Interfaces
● High-density Video Routers




Similar Part No. - SPS-9130VWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9130VWG OPTOWAY-SPS-9130VWG_15 Datasheet
165Kb / 6P
3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9130VWG_2015 OPTOWAY-SPS-9130VWG_2015 Datasheet
165Kb / 6P
3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
More results


Similar Description - SPS-9130VWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9110VG OPTOWAY-SPS-9110VG Datasheet
173Kb / 6P
1310 nm / 3 Gb/s Medium Power SM Video SFP Transceiver
SPS-9110VWG OPTOWAY-SPS-9110VWG Datasheet
173Kb / 6P
1310 nm / 3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9130VG OPTOWAY-SPS-9130VG Datasheet
173Kb / 6P
1310 nm / 3 Gb/s Medium Power SM Video SFP Transceiver
SPS-9350VWG OPTOWAY-SPS-9350VWG Datasheet
173Kb / 6P
1550 nm / 3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9380VWG OPTOWAY-SPS-9380VWG Datasheet
173Kb / 6P
1550 nm / 3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9110VWG_2015 OPTOWAY-SPS-9110VWG_2015 Datasheet
166Kb / 6P
3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9130VWG_2015 OPTOWAY-SPS-9130VWG_2015 Datasheet
165Kb / 6P
3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9380VWG_2015 OPTOWAY-SPS-9380VWG_2015 Datasheet
165Kb / 6P
3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9110VWG OPTOWAY-SPS-9110VWG_15 Datasheet
166Kb / 6P
3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
SPS-9130VWG OPTOWAY-SPS-9130VWG_15 Datasheet
165Kb / 6P
3 Gb/s Medium Power SM Video Digital Diagnostic SFP Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com