Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHS5100 Datasheet (PDF) - United Monolithic Semiconductors

CHS5100 Datasheet PDF - United Monolithic Semiconductors
Part # CHS5100
Download  CHS5100 Download
File Size   115.59 Kbytes
Page   9 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description DC-20GHz Reflective SPDT Switch

CHS5100 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHS5100 Datasheet PDF - United Monolithic Semiconductors

Part # CHS5100
Download  CHS5100 Click to download

File Size   115.59 Kbytes
Page   9 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description DC-20GHz Reflective SPDT Switch

CHS5100 Datasheet (HTML) - United Monolithic Semiconductors


CHS5100 Product details

Description

The CHS5100 is a wideband monolithic FET based reflective switch manufactured on a standard power process using 0.7µm implanted active layer MESFET, via holes, air bridges and electron beam gate lithography. This wideband switch is suitable for ultra broadband ECM and EW systems. It can also be used in instrumentation and wideband signal processing applications.



Main Features

  Broadband performance : DC-20GHz

  Low insertion loss : 2.1dB@20GHz

  High isolation : 53dB@1GHz

  30dB@20GHz

  Excellent input and output matching:

  VSWR < 1.5:1

  Chip size : 1,92 x 1,22 x 0.1mm




Similar Part No. - CHS5100

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHS5100 UMS-CHS5100 Datasheet
111Kb / 8P
DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100 Datasheet
138Kb / 8P
DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100_05 Datasheet
111Kb / 8P
DC-20GHz Reflective SPDT Switch
CHS5100 UMS-CHS5100_15 Datasheet
138Kb / 8P
DC-20GHz Reflective SPDT Switch
More results


Similar Description - CHS5100

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G Datasheet
189Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC284MS8G HITTITE-HMC284MS8G_07 Datasheet
249Kb / 6P
SPDT NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Filtronic Compound Semi...
FMS2024 FILTRONIC-FMS2024_1 Datasheet
184Kb / 5P
DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
logo
United Monolithic Semic...
CHS5100 UMS-CHS5100_05 Datasheet
111Kb / 8P
DC-20GHz Reflective SPDT Switch
logo
Hittite Microwave Corpo...
HMC435MS8G HITTITE-HMC435MS8G_10 Datasheet
165Kb / 4P
SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
United Monolithic Semic...
CHS5100 UMS-CHS5100_15 Datasheet
138Kb / 8P
DC-20GHz Reflective SPDT Switch
logo
Custom MMIC Design Serv...
CMD196 MMIC-CMD196 Datasheet
216Kb / 9P
DC-28 GHz SPDT Non-reflective Switch
CMD215 MMIC-CMD215 Datasheet
226Kb / 9P
DC-40 GHz SPDT Reflective Switch
logo
Analog Devices
HMC435AMS8G AD-HMC435AMS8G Datasheet
472Kb / 5P
SPDT NON-REFLECTIVE SWITCH, DC - 4 GHz
logo
Teledyne Technologies I...
TDSW030A2T TELEDYNE-TDSW030A2T Datasheet
810Kb / 8P
dc-30GHz Reflective GaAs SPDT Switch
June 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com