Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLE400F Datasheet (PDF) - Clairex Technologies, Inc

CLE400F Datasheet PDF - Clairex Technologies, Inc
Part # CLE400F
Download  CLE400F Download
File Size   115.11 Kbytes
Page   1 Pages
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc
Description Four leaded Multiple Emitter Chip Surface Mount Package

CLE400F Datasheet (PDF)

Go To PDF Page Download Datasheet
CLE400F Datasheet PDF - Clairex Technologies, Inc

Part # CLE400F
Download  CLE400F Click to download

File Size   115.11 Kbytes
Page   1 Pages
Manufacturer  CLAIREX [Clairex Technologies, Inc]
Direct Link  http://www.clairex.com
Logo CLAIREX - Clairex Technologies, Inc
Description Four leaded Multiple Emitter Chip Surface Mount Package

CLE400F Datasheet (HTML) - Clairex Technologies, Inc


CLE400F Product details

description
The CLE400F can contain three 850 nm IRED chips which feature double/double heterojunction (DDH) construction for increased quantum efficiency and reliability. This device is one example of a very broad line of devices made possible by four leaded package configuration. One to three chips can be attached. Multiple chip devices can be series or parallel connected.
   
features
• ±70° emission angle
• wide variety of chip combinations
• wide variety of lenses and apertures
   




Similar Part No. - CLE400F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CLE40E1200HB IXYS-CLE40E1200HB Datasheet
405Kb / 5P
SemiFast Single Thyristor
More results


Similar Description - CLE400F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4860 AVAGO-ASDL-4860 Datasheet
178Kb / 6P
High Power Infrared Emitter (850nm) in Surface Mount Package
logo
CTS Corporation
768 CTS-768 Datasheet
147Kb / 5P
Leaded Surface Mount
767 CTS-767 Datasheet
141Kb / 5P
Leaded Surface Mount
766 CTS-766 Datasheet
140Kb / 5P
Leaded Surface Mount
logo
Adam Technologies, Inc.
PLCC68ATSMT ADAM-TECH-PLCC68ATSMT Datasheet
120Kb / 1P
PLASTIC LEADED CHIP CARRIER SOCKET SURFACE MOUNT
logo
Rhombus Industries Inc.
L-15358 RHOMBUS-IND-L-15358 Datasheet
21Kb / 1P
Surface Mount Self-Leaded Inductor
7/30/96
L-15363 RHOMBUS-IND-L-15363 Datasheet
21Kb / 1P
Surface Mount Self-Leaded Inductor
7/30/96
L-15373 RHOMBUS-IND-L-15373 Datasheet
18Kb / 1P
Surface Mount Self-Leaded Inductor
5/30/00
L-15338 RHOMBUS-IND-L-15338 Datasheet
21Kb / 1P
Surface Mount Self-Leaded Inductor
7/30/96
L-15350 RHOMBUS-IND-L-15350 Datasheet
21Kb / 1P
Surface Mount Self-Leaded Inductor
7/30/96
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com