Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHV2240 Datasheet (PDF) - United Monolithic Semiconductors

CHV2240 Datasheet PDF - United Monolithic Semiconductors
Part # CHV2240
Download  CHV2240 Download
File Size   352.14 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description Multifunction : K-band VCO and Q-band Multiplier

CHV2240 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHV2240 Datasheet PDF - United Monolithic Semiconductors

Part # CHV2240
Download  CHV2240 Click to download

File Size   352.14 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description Multifunction : K-band VCO and Q-band Multiplier

CHV2240 Datasheet (HTML) - United Monolithic Semiconductors


CHV2240 Product details

Description

The CHV2240 is a monolithic multifunction proposed for frequency generation at 38GHz. It integrates a K-band Voltage Controlled Oscillator, a Q-band frequency multiplier and buffer amplifiers. For performance optimisation, an external port (ERC) allows a passive resonator coupling to the oscillator (at half output frequency). This chip has been especially designed to be coupled to a high Q dielectric resonator. All the active devices are internally self biased.

The circuit is manufactured with the PHEMT process : 0.25µm gate length, via holes through the substrate, air bridges and electron beam gate lithography. It is available in chip form.



Main Features

■ K-band VCO + Q-band frequency multiplier

■ External resonator for centre frequency control and phase noise optimisation

■ High quality oscillator when coupled to a dielectric resonator

■ On-chip varactor for electronic control

■ Chip size 2.68x1.4 x 0.1 mm



 




Similar Part No. - CHV2240

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2240 UMS-CHV2240 Datasheet
373Kb / 8P
Multifunction K-band VCO and Q-band Multiplier
CHV2240 UMS-CHV2240_15 Datasheet
373Kb / 8P
Multifunction K-band VCO and Q-band Multiplier
More results


Similar Description - CHV2240

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV2242A UMS-CHV2242A Datasheet
812Kb / 8P
Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243 UMS-CHV2243 Datasheet
99Kb / 6P
Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHU2277A UMS-CHU2277A Datasheet
196Kb / 8P
W-band Multifunction : Multiplier / MPA
CHU3377 UMS-CHU3377 Datasheet
183Kb / 6P
W-band Multifunction: Multiplier / MPA
CHV2242C UMS-CHV2242C Datasheet
517Kb / 9P
Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHV2243A UMS-CHV2243A Datasheet
173Kb / 6P
Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
W-band Multifunction: Multiplier / MPA
CHV2240 UMS-CHV2240_15 Datasheet
373Kb / 8P
Multifunction K-band VCO and Q-band Multiplier
CHU2277 UMS-CHU2277_15 Datasheet
229Kb / 6P
W-band Multifunction Multiplier / MPA
CHV2243A UMS-CHV2243A_15 Datasheet
112Kb / 6P
Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com