Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHX2090 Datasheet (PDF) - United Monolithic Semiconductors

CHX2090 Datasheet PDF - United Monolithic Semiconductors
Part # CHX2090
Download  CHX2090 Download
File Size   77.0 Kbytes
Page   4 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 12-24GHz Frequency Multiplier

CHX2090 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHX2090 Datasheet PDF - United Monolithic Semiconductors

Part # CHX2090
Download  CHX2090 Click to download

File Size   77.0 Kbytes
Page   4 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 12-24GHz Frequency Multiplier

CHX2090 Datasheet (HTML) - United Monolithic Semiconductors


CHX2090 Product details

Description
The CHX2090 is a cascadable by 2 frequency multiplier monolithic circuit. It is designed for a wide range of applications, from military to commercial communication systems. The backside of the chip is both RF and DC grounds. This helps simplify the assembly process.
The circuit is manufactured with a PM-HEMT process, 0.25µm gate length, via holes through the substrate, air bridges and electron beam gate lithography.

Main Features
• Broadband performances : 11-13GHz
• 15dBm output power for +12dBm input power
• DC bias : Vd=3.5Volt@Id=50mA
• Chip size : 1.67 x 0.97 x 0.10 mm




Similar Part No. - CHX2090

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2090 UMS-CHX2090 Datasheet
88Kb / 4P
12-24GHz Frequency Multiplier
CHX2090-QDG UMS-CHX2090-QDG Datasheet
323Kb / 10P
12-24GHz Frequency Multiplier
CHX2090-QDG UMS-CHX2090-QDG Datasheet
160Kb / 10P
12-24GHz Frequency Multiplier
CHX2090-QDG UMS-CHX2090-QDG_15 Datasheet
160Kb / 10P
12-24GHz Frequency Multiplier
CHX2090RBF UMS-CHX2090RBF Datasheet
151Kb / 6P
12-24GHz Frequency Multiplier
More results


Similar Description - CHX2090

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX1094 UMS-CHX1094 Datasheet
85Kb / 4P
12-36GHz Frequency Multiplier
CHX2090RBF UMS-CHX2090RBF Datasheet
151Kb / 6P
12-24GHz Frequency Multiplier
CHX2090-QDG UMS-CHX2090-QDG Datasheet
323Kb / 10P
12-24GHz Frequency Multiplier
logo
Mini-Circuits
RMK-3-722+ MINI-RMK-3-722+ Datasheet
151Kb / 1P
Frequency Multiplier
logo
United Monolithic Semic...
CHX1094 UMS-CHX1094_15 Datasheet
99Kb / 4P
12-36GHz Frequency Multiplier
CHX2090 UMS-CHX2090_15 Datasheet
88Kb / 4P
12-24GHz Frequency Multiplier
CHX2090-QDG UMS-CHX2090-QDG_15 Datasheet
160Kb / 10P
12-24GHz Frequency Multiplier
logo
Mini-Circuits
RMK-3-14 MINI-RMK-3-14 Datasheet
252Kb / 1P
Frequency Multiplier
RMK-3-33 MINI-RMK-3-33 Datasheet
296Kb / 2P
Frequency Multiplier
RMK-3-123 MINI-RMK-3-123 Datasheet
255Kb / 1P
Frequency Multiplier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com