Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CND2047 Datasheet (PDF) - United Monolithic Semiconductors

CND2047 Datasheet PDF - United Monolithic Semiconductors
Part # CND2047
Download  CND2047 Download
File Size   149.0 Kbytes
Page   10 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 10GHz Frequency Divider by 4 Fixed Modulus Prescaler

CND2047 Datasheet (PDF)

Go To PDF Page Download Datasheet
CND2047 Datasheet PDF - United Monolithic Semiconductors

Part # CND2047
Download  CND2047 Click to download

File Size   149.0 Kbytes
Page   10 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 10GHz Frequency Divider by 4 Fixed Modulus Prescaler

CND2047 Datasheet (HTML) - United Monolithic Semiconductors


CND2047 Product details

Description
The CND2047 is a low power consumption very high speed divider by 4 GaAs prescaler manufactured with a 0.7µm self aligned implanted MESFET process.
The design is full differential input/output that allows direct drive into 50W load.

Main Features
● Very broad operating frequency range
● Low power dissipation: 300mW
● Single supply operation: 3V to 5V
● High input sensitivity:
    -10dBm@8 Ghz at 25°C and
    -5dBm@8Ghz at 125°C
● Low phase noise: -139dBc/Hz at 1KHz




Similar Part No. - CND2047

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CND2047-DAG UMS-CND2047-DAG Datasheet
132Kb / 8P
9GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-DAG UMS-CND2047-DAG Datasheet
120Kb / 8P
9GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-DAG UMS-CND2047-DAG_15 Datasheet
120Kb / 8P
9GHz Frequency Divider by 4 Fixed Modulus Prescaler
More results


Similar Description - CND2047

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
3.3GHz 첨 4 fixed Modulus Divider
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
5GHZ 첨2 Fixed Modulus Divider
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
5GHZ 첨 4 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
ZL40815 ZARLINK-ZL40815 Datasheet
519Kb / 14P
10GHz Fixed Modulus DIVIDE 4
logo
List of Unclassifed Man...
SP8789 ETC1-SP8789 Datasheet
25Kb / 1P
225MHz Frequency Divider Divided by 20/21 TWO MODULUS DIVIDER
logo
Zarlink Semiconductor I...
ZL40812 ZARLINK-ZL40812 Datasheet
525Kb / 13P
10GHz Fixed Modulus 첨 16
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
3.3GHZ 첨 4 Fixed Modulus Divider
SP8902 ZARLINK-SP8902 Datasheet
249Kb / 7P
5GHZ/ 2 Fixed Modulus Divider
logo
United Monolithic Semic...
CND2047-DAG UMS-CND2047-DAG Datasheet
132Kb / 8P
9GHz Frequency Divider by 4 Fixed Modulus Prescaler
CND2047-DAG UMS-CND2047-DAG_15 Datasheet
120Kb / 8P
9GHz Frequency Divider by 4 Fixed Modulus Prescaler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com