Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2612 Datasheet (PDF) - United Monolithic Semiconductors

EC2612 Datasheet PDF - United Monolithic Semiconductors
Part # EC2612
Download  EC2612 Download
File Size   111.13 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 40GHz Super Low Noise PHEMT

EC2612 Datasheet (PDF)

Go To PDF Page Download Datasheet
EC2612 Datasheet PDF - United Monolithic Semiconductors

Part # EC2612
Download  EC2612 Click to download

File Size   111.13 Kbytes
Page   8 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 40GHz Super Low Noise PHEMT

EC2612 Datasheet (HTML) - United Monolithic Semiconductors


EC2612 Product details

Description

The EC2612 is based on a 0.15µm gate pseudomorphic high electron mobility transistor (0.15µm PHEMT) technology. Gate width is 120µm and the 0.15µm T-shaped aluminium gate features low resistance and excellent reliability. The device shows a very high transconductance which leads to very high frequency and low noise performances.



Main Features

0.8dB minimum noise figure @ 18GHz

1.5dB minimum noise figure @ 40GHz

12dB associated gain @ 18GHz

9.5dB associated gain @ 40GHz




Similar Part No. - EC2612

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
EC2612 UMS-EC2612 Datasheet
140Kb / 8P
40GHz Super Low Noise pHEMT
EC2612 UMS-EC2612_15 Datasheet
140Kb / 8P
40GHz Super Low Noise pHEMT
More results


Similar Description - EC2612

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2091 UMS-CHA2091 Datasheet
115Kb / 8P
36-40GHz Low Noise Amplifier
CHA2391 UMS-CHA2391 Datasheet
104Kb / 8P
36-40GHz Very Low Noise Amplifier
logo
Filtronic Compound Semi...
LMA219B FILTRONIC-LMA219B Datasheet
123Kb / 4P
LOW NOISE PHEMT MMIC
logo
United Monolithic Semic...
CHA2091 UMS-CHA2091_07 Datasheet
191Kb / 8P
36-40GHz Low Noise Amplifier
logo
BeRex Corporation
BCL016B BEREX-BCL016B Datasheet
596Kb / 5P
SUPER LOW NOISE PHEMT CHIP
logo
United Monolithic Semic...
CHA2091 UMS-CHA2091_15 Datasheet
135Kb / 8P
36-40GHz Low Noise Amplifier
CHA2391 UMS-CHA2391_15 Datasheet
126Kb / 8P
36-40GHz Very Low Noise Amplifier
EC2612 UMS-EC2612_15 Datasheet
140Kb / 8P
40GHz Super Low Noise pHEMT
logo
BeRex Corporation
BCL016B BEREX-BCL016B_16 Datasheet
632Kb / 5P
SUPER LOW NOISE PHEMT CHIP
BCL016B BEREX-BCL016B_18 Datasheet
338Kb / 5P
SUPER LOW NOISE PHEMT CHIP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com