Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR2016 Datasheet (PDF) - Dubilier

CR2016 Datasheet PDF - Dubilier
Part # CR2016
Download  CR2016 Download
File Size   67.35 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description LITHIUM COIN CELL

CR2016 Datasheet (PDF)

Go To PDF Page Download Datasheet
CR2016 Datasheet PDF - Dubilier

Part # CR2016
Download  CR2016 Click to download

File Size   67.35 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description LITHIUM COIN CELL

CR2016 Datasheet (HTML) - Dubilier


CR2016 Product details

BATTERIES
• Memory backup applications such as GPS devices, game consoles etc
• Manufactured to IS9002 and UL approved
• Diameter range from 12.5mm to 24.5mm
• Horizontal and vertical PCB mount available
• Rated capacity 25 to 550mAh.




Similar Part No. - CR2016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR2016 ETC-CR2016 Datasheet
269Kb / 1P
Manganese Dioxide
logo
Energizer
CR2016 ENERGIZER-CR2016 Datasheet
100Kb / 2P
3.0 Volts 1.9 grams (0.07 oz.) 0.5 cubic centimeters (0.03 cubic inch)
logo
Panasonic Semiconductor
CR2016 PANASONIC-CR2016 Datasheet
185Kb / 6P
Poly-carbonmonofluoride (BR Series) and Manganese Dioxide (CR Series)
logo
Dubilier
CR2016 DUBILIER-CR2016 Datasheet
67Kb / 1P
LITHIUM COIN CELL
logo
Panasonic Semiconductor
CR2016 PANASONIC-CR2016 Datasheet
104Kb / 4P
INDUSTRIAL SOLUTIONS
More results


Similar Description - CR2016

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KR-5R5V104-R COOPER-KR-5R5V104-R Datasheet
306Kb / 4P
Coin Cell Supercapacitors
logo
Dubilier
CR1216 DUBILIER-CR1216 Datasheet
67Kb / 1P
LITHIUM COIN CELL
logo
Cooper Bussmann, Inc.
KW-5R5C104-R COOPER-KW-5R5C104-R Datasheet
264Kb / 2P
Coin Cell Supercapacitors
logo
Panasonic Battery Group
CR1220-BN PANASONICBATTERY-CR1220-BN Datasheet
807Kb / 5P
LITHIUM - Coin Type
logo
List of Unclassifed Man...
DC-2R5E204T614-E ETC2-DC-2R5E204T614-E Datasheet
95Kb / 1P
Coin Cell Capacitors
122-0420-GR ETC2-122-0420-GR Datasheet
173Kb / 1P
Coin Cell Holder
122-0520-GR ETC2-122-0520-GR Datasheet
148Kb / 1P
Coin Cell Holder
122-2420-GR ETC2-122-2420-GR Datasheet
76Kb / 1P
Coin Cell Holder
logo
Panasonic Battery Group
ML920 PANASONICBATTERY-ML920 Datasheet
38Kb / 1P
Manganese Lithium Coin Batteries
CR2477 PANASONICBATTERY-CR2477 Datasheet
663Kb / 6P
LITHIUM - Coin Type
AUGUST 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com