Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1150 Datasheet (PDF) - UNISEM

US1150 Datasheet PDF - UNISEM
Part # US1150
Download  US1150 Download
File Size   34.56 Kbytes
Page   5 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

US1150 Datasheet (PDF)

Go To PDF Page Download Datasheet
US1150 Datasheet PDF - UNISEM

Part # US1150
Download  US1150 Click to download

File Size   34.56 Kbytes
Page   5 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

US1150 Datasheet (HTML) - UNISEM


US1150 Product details

DESCRIPTION

The US1150 product is a 4A regulator with extremely low dropout voltage using a proprietary Bipolar process  that achieves comparable equivalent on resistance to that of discrete MOSFETs.



FEATURES

0.7V Dropout at 4A

Fast Transient Response

1%  Voltage Reference Initial Accuracy

Built-in Thermal Shutdown



APPLICATIONS

3.3V to 2.7V Intel I740 chip set.




Similar Part No. - US1150

ManufacturerPart #DatasheetDescription
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
Thin Client Terminals
logo
Unisonic Technologies
US112N UTC-US112N Datasheet
189Kb / 4P
Suitable to fit all modes of control Found in applications such as Overvoltage crowbar protection
US112NG-4-TA3-T UTC-US112NG-4-TA3-T Datasheet
147Kb / 3P
SCRS
US112NG-6-TA3-T UTC-US112NG-6-TA3-T Datasheet
147Kb / 3P
SCRS
US112NG-8-TA3-T UTC-US112NG-8-TA3-T Datasheet
147Kb / 3P
SCRS
More results


Similar Description - US1150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1150 IRF-IRU1150 Datasheet
45Kb / 6P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
Rev.1.1 Sep 7, 2004
logo
International Rectifier
IRU1160 IRF-IRU1160 Datasheet
57Kb / 8P
6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Diodes Incorporated
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_07 Datasheet
293Kb / 11P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 2
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
1.5A Ultra Low Dropout Positive Adjustable Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com