Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1206 Datasheet (PDF) - UNISEM

US1206 Datasheet PDF - UNISEM
Part # US1206
Download  US1206 Download
File Size   39.81 Kbytes
Page   7 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR

US1206 Datasheet (PDF)

Go To PDF Page Download Datasheet
US1206 Datasheet PDF - UNISEM

Part # US1206
Download  US1206 Click to download

File Size   39.81 Kbytes
Page   7 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR

US1206 Datasheet (HTML) - UNISEM


US1206 Product details

DESCRIPTION
The US1206 family of devices are ultra low dropout 1A regulators using PNP transistor as the pass element. These products are ideal when a single input supply is available only and the dropout voltage is less than 1V, exceeding the minimum dropout characteristics of NPN/PNP hybrid regulators. One common application of these regulators are where input is 3.3V and a 2.5V output is needed.
   
FEATURES
■ Low Droput Voltage (500mV at 1A)
■ 1% Voltage Reference Accuracy
■ Low Ground Current
■ 10uA Quiescent Current in Shutdown
    (US1207,1208)
■ Fast Transient Response
■ Current Limit and Thermal Shutdown
■ Error Flag Signal for Output out of Regulation
    (US1207,1209)
■ Pin Compatible with MIC39100/101/102 series
   
APPLICATIONS
■ 2.5V Supply from 3.3V Input for the
    new generation of Logic ICs
■ Computer Mother Board, Add on Cards
■ High Efficiency Post Regulator in SMPS
   




Similar Part No. - US1206

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
US120-UFD5 APACER-US120-UFD5 Datasheet
924Kb / 4P
USB flash drive
logo
UNISEM
US1205 UNISEM-US1205 Datasheet
26Kb / 3P
300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1205-25CL UNISEM-US1205-25CL Datasheet
26Kb / 3P
300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1205-30CL UNISEM-US1205-30CL Datasheet
26Kb / 3P
300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1205-33CL UNISEM-US1205-33CL Datasheet
26Kb / 3P
300 mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results


Similar Description - US1206

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
1A Ultra Low Dropout Positive Adjustable Regulator
Rev.1.1 Aug 23, 2005
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com