Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3011 Datasheet (PDF) - UNISEM

US3011 Datasheet PDF - UNISEM
Part # US3011
Download  US3011 Download
File Size   72.54 Kbytes
Page   11 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC

US3011 Datasheet (PDF)

Go To PDF Page Download Datasheet
US3011 Datasheet PDF - UNISEM

Part # US3011
Download  US3011 Click to download

File Size   72.54 Kbytes
Page   11 Pages
Manufacturer  UNISEM [UNISEM]
Direct Link  
Logo UNISEM - UNISEM
Description 5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC

US3011 Datasheet (HTML) - UNISEM


US3011 Product details

DESCRIPTION
The US3011controller IC is specifically designed to meet Intel specification for latest Pentium IIIä microprocessor applications as well as the next generation P6 family processors.
   
FEATURES
■ Dual Layout Compatible with HIP6004A
■ Designed to meet Intel specification of VRM8.4
    for Pentium III™
■ On board DAC programs the output voltage
    from 1.3V to 3.5V. The US3011 remains on for
    VID code of (11111).
■ Loss less Short Circuit Protection
■ Synchronous operation allows maximum
    efficiency
■ Patented architecture allows fixed frequency
    operation as well as 100% duty cycle during
    dynamic load
■ Over Voltage Protection Output
■ Soft Start
■ High current totem pole driver for direct
    driving of the external Power MOSFET
■ Power Good function
   
APPLICATIONS
■ Pentium III & Pentium II™ processor
    DC to DC converter application
■ Low cost Pentium with AGP
   




Similar Part No. - US3011

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US301 UTC-US301 Datasheet
125Kb / 4P
0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
UNISEM
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010ACW UNISEM-US3010ACW Datasheet
74Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010CW UNISEM-US3010CW Datasheet
74Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
More results


Similar Description - US3011

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
5-Bit Programmable Synchronous Buck Regulator Controller
logo
UNISEM
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
International Rectifier
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
IRU3011 IRF-IRU3011 Datasheet
77Kb / 13P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
IRU3055 IRF-IRU3055 Datasheet
355Kb / 26P
5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
IRU3011CWTR IRF-IRU3011CWTR Datasheet
83Kb / 13P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3055CQTR IRF-IRU3055CQTR Datasheet
354Kb / 26P
5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com