Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2.5R Datasheet (PDF) - Lumberg

2.5R Datasheet PDF - Lumberg
Part # 2.5R
Download  2.5R Download
File Size   88.16 Kbytes
Page   1 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Leiterplatten-Direktsteckverbinder, Raster 2,5 mm

2.5R Datasheet (PDF)

Go To PDF Page Download Datasheet
2.5R Datasheet PDF - Lumberg

Part # 2.5R
Download  2.5R Click to download

File Size   88.16 Kbytes
Page   1 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Leiterplatten-Direktsteckverbinder, Raster 2,5 mm

2.5R Datasheet (HTML) - Lumberg




Similar Part No. - 2.5R

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5RFL LUMBERG-2.5RFL Datasheet
623Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5R LUMBERG-2.5R_18 Datasheet
719Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Similar Description - 2.5R

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.54FL LUMBERG-2.54FL Datasheet
89Kb / 1P
Leiterplatten-Direktsteckverbinder,
2.5MB LUMBERG-2.5MB Datasheet
101Kb / 2P
Minimodul-Steckverbinder, Raster 2,5 mm
2.5MSFW LUMBERG-2.5MSFW Datasheet
107Kb / 2P
Minimodul-Steckverbinder, Raster 2,5 mm
2.54R LUMBERG-2.54R Datasheet
89Kb / 1P
Leiterplatten-Direktsteckverbinder, Raster 2,54 mm
3.96R LUMBERG-3.96R Datasheet
90Kb / 1P
Leiterplatten-Direktsteckverbinder, Raster 3,96 mm
5.08R LUMBERG-5.08R Datasheet
87Kb / 1P
Leiterplatten-Direktsteckverbinder, Raster 5,08 mm
5FL LUMBERG-5FL Datasheet
87Kb / 1P
Leiterplatten-Direktsteckverbinder, Raster 5,0 mm
3114 LUMBERG-3114 Datasheet
77Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
3853 LUMBERG-3853 Datasheet
94Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
SP1 LUMBERG-SP1 Datasheet
582Kb / 1P
Leiterplatten-Direktsteckverbinder, Raster 2,5-5,08 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com