Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

382012 Datasheet (PDF) - Lumberg

382012 Datasheet PDF - Lumberg
Part # 382012
Download  382012 Download
File Size   118.39 Kbytes
Page   2 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Multimodul??Steckverbinder, Raster 2,5 mm

382012 Datasheet (PDF)

Go To PDF Page Download Datasheet
382012 Datasheet PDF - Lumberg

Part # 382012
Download  382012 Click to download

File Size   118.39 Kbytes
Page   2 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Multimodul??Steckverbinder, Raster 2,5 mm

382012 Datasheet (HTML) - Lumberg




Similar Part No. - 382012

ManufacturerPart #DatasheetDescription
logo
Lumberg
382012 LUMBERG-382012 Datasheet
592Kb / 3P
Multimodul connectors, pitch 2.5 mm
More results


Similar Description - 382012

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5MBX LUMBERG-2.5MBX Datasheet
88Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
2.5MSFW LUMBERG-2.5MSFW Datasheet
107Kb / 2P
Minimodul-Steckverbinder, Raster 2,5 mm
3114 LUMBERG-3114 Datasheet
77Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
3800 LUMBERG-3800 Datasheet
96Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
3810 LUMBERG-3810 Datasheet
110Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
3823 LUMBERG-3823 Datasheet
76Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
3850 LUMBERG-3850 Datasheet
107Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
3851 LUMBERG-3851 Datasheet
84Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
3853 LUMBERG-3853 Datasheet
94Kb / 2P
Multimodul??Steckverbinder, Raster 2,5 mm
8385A01 LUMBERG-8385A01 Datasheet
83Kb / 1P
Multimodul??Steckverbinder, Raster 2,5 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com