Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZT52C2V4S Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BZT52C2V4S Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BZT52C2V4S
Download  BZT52C2V4S Download
File Size   177.12 Kbytes
Page   3 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mW, 5% Tolerance SMD Zener Diode

BZT52C2V4S Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52C2V4S Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BZT52C2V4S
Download  BZT52C2V4S Click to download

File Size   177.12 Kbytes
Page   3 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mW, 5% Tolerance SMD Zener Diode

BZT52C2V4S Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


BZT52C2V4S Product details

FEATURES
- Wide zener voltage range selection : 2.4V to 75V
- Surface Mount Device Type
- VZ Tolerance Selection of ±5%
- Matte Tin(Sn) lead finish with Nickel(Ni) underplate
- Moisture sensitivity level 1
- Pb free and RoHS compliant
- Green compound (Halogen free) with suffix "G" on
   packing code and prefix "G" on date code




Similar Part No. - BZT52C2V4S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C2V4S DIODES-BZT52C2V4S Datasheet
54Kb / 3P
SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
logo
Diodes Incorporated
BZT52C2V4S DIODES-BZT52C2V4S Datasheet
91Kb / 3P
SURFACE MOUNT ZENER DIODE
DS30093 Rev. 13 - 2
logo
Won-Top Electronics
BZT52C2V4S WTE-BZT52C2V4S Datasheet
57Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
logo
Galaxy Semi-Conductor H...
BZT52C2V4S BILIN-BZT52C2V4S Datasheet
228Kb / 4P
Surface mount zener diode
More results


Similar Description - BZT52C2V4S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
200mW, 2% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
500mW, 5% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
200mW, 2% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4_14 Datasheet
230Kb / 5P
5% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4_14 Datasheet
237Kb / 5P
5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
5% Tolerance SMD Zener Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com