Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZT52B12 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BZT52B12 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BZT52B12
Download  BZT52B12 Download
File Size   124.08 Kbytes
Page   3 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500mW, 2% Tolerance SMD Zener Diode

BZT52B12 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52B12 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BZT52B12
Download  BZT52B12 Click to download

File Size   124.08 Kbytes
Page   3 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500mW, 2% Tolerance SMD Zener Diode

BZT52B12 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - BZT52B12

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BZT52B12 WEITRON-BZT52B12 Datasheet
170Kb / 3P
Surface Mount Zener Diodes
logo
Shenzhen Taychipst Elec...
BZT52B12 TAYCHIPST-BZT52B12 Datasheet
2Mb / 3P
Small Signal Diode
logo
Diotec Semiconductor
BZT52B12 DIOTEC-BZT52B12 Datasheet
86Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
Vishay Siliconix
BZT52B12 VISHAY-BZT52B12 Datasheet
121Kb / 8P
Small Signal Zener Diodes
26-Feb-13
BZT52B12 VISHAY-BZT52B12 Datasheet
121Kb / 8P
Small Signal Zener Diodes
26-Feb-13
More results


Similar Description - BZT52B12

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
500mW, 2% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
500mW,2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
500mW,2% Tolerance Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
500mW , 2% Tolerance SMD Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
500mW, 2% Tolerance Zener Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com