Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTZJ2V0 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

MTZJ2V0 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # MTZJ2V0
Download  MTZJ2V0 Download
File Size   126.07 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500mW Hermetically Sealed Glass Zener Diodes

MTZJ2V0 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTZJ2V0 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # MTZJ2V0
Download  MTZJ2V0 Click to download

File Size   126.07 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 500mW Hermetically Sealed Glass Zener Diodes

MTZJ2V0 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


MTZJ2V0 Product details

FEATURES
- Zener voltage range : 2.0V to 39V
- DO-34 package (JEDEC DO-204)
- Through-hole device type mounting
- Hermetically sealed glass
- Compression bonded construction
- All external surfaces are corrosion resistant and leads are readily solderable
- RoHS compliant
- Solder hot dip Tin (Sn) lead finish
- Cathode indicated by polarity band




Similar Part No. - MTZJ2V0

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MTZJ2V0 YEASHIN-MTZJ2V0 Datasheet
839Kb / 4P
500 mW DO-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
MTZJ2V0 TSC-MTZJ2V0 Datasheet
334Kb / 8P
500mW, Hermetically Sealed Glass Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZJ2V0A SEMTECH_ELEC-MTZJ2V0A Datasheet
261Kb / 4P
ZENER DIODES
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
500mW, Hermetically Sealed Glass Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZJ2V0B SEMTECH_ELEC-MTZJ2V0B Datasheet
261Kb / 4P
ZENER DIODES
More results


Similar Description - MTZJ2V0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LLZ2V0 TSC-LLZ2V0 Datasheet
151Kb / 3P
500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
500mW Hermetically Sealed Glass Zener Voltage Regulators
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
LLZ2V0 TSC-LLZ2V0_09 Datasheet
76Kb / 3P
500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
500mW, Hermetically Sealed Glass Zener Diodes
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
500mW, Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
500mW Hermetically Sealed Glass Zener Diodes
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com