Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1518 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS1518 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS1518
Download  TS1518 Download
File Size   355.78 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Step-Up DC-DC Converter, White LED Driver

TS1518 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS1518 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS1518
Download  TS1518 Click to download

File Size   355.78 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Step-Up DC-DC Converter, White LED Driver

TS1518 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS1518 Product details

General Description
The TS1518 is a step-up DC-DC converter; operates as current source to drive up to 6 white LEDs(VIN at 3.0V) or 8 LEDs(VIN at 3.5V) or 9 LEDs(VIN at 3.5V) in series. Series connecting of the LEDs provides identical LED currents resulting in uniform brightness and eliminating the need for ballast resistors. The light intensity of these LEDs is proportional to the current passing through them. The TS1518 switches at a fixed frequency of ~930KHz, allowing the use of tiny, low profile inductors and capacitors to minimize footprint and cost in space consideration applications for cellular phone backlighting or other hand held equipment.

Features
● Built-in Internal Switch
● PWM dimming control 100Hz to 1KHz
● Analog dimming control
● 2.7V to 7V input range
● <1uA shutdown current
● Internal Soft Start
● Drives up to 9 White LEDs (VIN at 3.5V)
● Over Voltage Protection 34V
● 100mV Low Reference Voltage

Application
● Cellular Phones
● Digital Still Cameras
● Portable Electronics
● LCD Display Module
● White LED Backlighting
● PDAs, GPS terminals




Similar Part No. - TS1518

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TS151 TRSYS-TS151 Datasheet
139Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TS1510 TRSYS-TS1510 Datasheet
139Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TS1510R TRSYS-TS1510R Datasheet
161Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
TS151R TRSYS-TS151R Datasheet
161Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
More results


Similar Description - TS1518

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
Step-up DC-DC Converter , White LED Driver
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
Step-up DC-DC Converter , White LED Driver
YB1510 YOBON-YB1510 Datasheet
90Kb / 1P
Step-up DC-DC Converter,White LED Driver
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
Step-Up DC-DC Converter, White LED Driver
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1517 YOBON-YB1517 Datasheet
337Kb / 10P
Step-up DC-DC Converter & White LED Driver
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
Step-up DC/DC converter white LED driver
logo
Shenzhen Huazhimei Semi...
HM5662 HMSEMI-HM5662 Datasheet
640Kb / 6P
Step-up DC/DC converter White LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com