Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS39101 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS39101 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS39101
Download  TS39101 Download
File Size   568.05 Kbytes
Page   9 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A Ultra Low Dropout Voltage Regulator with Multi-Function

TS39101 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS39101 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS39101
Download  TS39101 Click to download

File Size   568.05 Kbytes
Page   9 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A Ultra Low Dropout Voltage Regulator with Multi-Function

TS39101 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS39101 Product details

General Description
The TS39100/1/2/3/4/5 are 1A ultra low dropout linear voltage regulators that provide low voltage, high current output from an extremely small package. These regulators offers extremely low dropout (typically 400mV at 1A) and very low ground current (typically 12mA at 1A).
The TS39100/1/2/3/4/5 are fully protected against over current faults, reversed input polarity, reversed lead insertion, over temperature operation, positive and negative transient voltage spikes, logic level enable control and error flag which signals whenever the output falls out of regulation.
On the TS39100/1/2/3/4/5, the enable pin may be tied to Vin if it is not required for enable control.

Features
● Dropout voltage typically 0.4V @Io=1.0A
● Output Current up to 1A
● Low Ground Current
● Extremely Fast Transient Response
● Reversed Leakage & Reverse Battery Protection
● Error Flag Signals Output (TS39101 only)
● Current Limit & Thermal Shutdown Protection

Application
● ULDO Linear Regulator for PC add-in Cards
● PowerPCTM Power Supplies
● Battery Powered Equipment
● Consumer and Personal Electronics
● High Efficiency Linear Power Supplies
● SMPS Post Regulator and DC to DC Modules
● High-efficiency Post Regulator for Switching Supply
● Portable Application
● Low-Voltage microcontrollers and Digital Logic




Similar Part No. - TS39101

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39101CS TSC-TS39101CS Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
TS39101CS TSC-TS39101CS Datasheet
593Kb / 13P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39101CS05 TSC-TS39101CS05 Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
TS39101CS1.5 TSC-TS39101CS1.5 Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
TS39101CS1.8 TSC-TS39101CS1.8 Datasheet
180Kb / 10P
1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Similar Description - TS39101

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100_07 Datasheet
593Kb / 13P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
1A Ultra Low Dropout Voltage Regulator with Enable Function
TS39103 TSC-TS39103 Datasheet
425Kb / 8P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103 TSC-TS39103_11 Datasheet
205Kb / 8P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM50 TSC-TS39300CM50 Datasheet
309Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ18 TSC-TS39300CZ18 Datasheet
309Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ50 TSC-TS39300CZ50 Datasheet
309Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM550 TSC-TS39303CM550 Datasheet
309Kb / 12P
3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com