Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPS-2340MWG Datasheet (PDF) - Optoway Technology Inc

XPS-2340MWG Datasheet PDF - Optoway Technology Inc
Part # XPS-2340MWG
Download  XPS-2340MWG Download
File Size   237.47 Kbytes
Page   9 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver

XPS-2340MWG Datasheet (PDF)

Go To PDF Page Download Datasheet
XPS-2340MWG Datasheet PDF - Optoway Technology Inc

Part # XPS-2340MWG
Download  XPS-2340MWG Click to download

File Size   237.47 Kbytes
Page   9 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver

XPS-2340MWG Datasheet (HTML) - Optoway Technology Inc


XPS-2340MWG Product details

DESCRIPTION
XPS-2340MWG series transceiver is designed for single-mode fibre serial optical data communications such as SONET OC-192 / SDH STM-64, 10G Ethernet 10GBASE-ER/EW and 10G Fibre Channel.

FEATURES
● Support 9.95 Gbps to 11.3 Gbps
● Complaint with XFP MSA
● Compliant with XFI 10G Serial Electrical Interface
● Maximum Link Length of 40 km
● Temperature-stabilized 1550 nm 800ps/nm EML Transmitter
● 2-Wire Interface for Integrated Digital Diagnostic Monitoring
● XFI Loopback Mode
● No reference Clock required
● Power Dissipation < 3.5 W
● Dual 5V and +3.3 V Power Supply
● RoHS-6 Compliant
● -5 to 70°C Operating: XPS-2340MWG
● -5 to 85°C Operating: XPS-2340BMWG
● -40 to 85°C Operating: XPS-2340AMWG

APPLICATIONS
● SONET OC-192 IR-2 SDH STM S-64.2b SONET OC-192 IR-3 SDH STM S-64.3b ITU-T G.709
● 10GBASE-ER / EW 10GBASE-ER/EW + FEC
● 40 km 10G Fibre Channel 40 km 10G Fibre Channel + FEC




Similar Part No. - XPS-2340MWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2340MWG OPTOWAY-XPS-2340MWG Datasheet
245Kb / 9P
40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2340MWG OPTOWAY-XPS-2340MWG_09 Datasheet
245Kb / 9P
40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
More results


Similar Description - XPS-2340MWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2340WG OPTOWAY-XPS-2340WG Datasheet
288Kb / 9P
10Gbps / 40km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2380MWG OPTOWAY-XPS-2380MWG Datasheet
234Kb / 9P
80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2380WG OPTOWAY-XPS-2380WG Datasheet
289Kb / 9P
10Gbps / 80km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2340MWG OPTOWAY-XPS-2340MWG_09 Datasheet
245Kb / 9P
40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2340WG OPTOWAY-XPS-2340WG_09 Datasheet
244Kb / 9P
10Gbps / 40km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2360WG OPTOWAY-XPS-2360WG_09 Datasheet
244Kb / 9P
10Gbps / 60km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2380MWG OPTOWAY-XPS-2380MWG_09 Datasheet
242Kb / 9P
80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
SPS-2340AMWG OPTOWAY-SPS-2340AMWG Datasheet
235Kb / 5P
40km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340BMWG OPTOWAY-SPS-2340BMWG Datasheet
235Kb / 5P
40km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340MWG OPTOWAY-SPS-2340MWG Datasheet
235Kb / 5P
40km / 1550 nm / 10G Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com