Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPS-4102WG Datasheet (PDF) - Optoway Technology Inc

XPS-4102WG Datasheet PDF - Optoway Technology Inc
Part # XPS-4102WG
Download  XPS-4102WG Download
File Size   230.42 Kbytes
Page   9 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications

XPS-4102WG Datasheet (PDF)

Go To PDF Page Download Datasheet
XPS-4102WG Datasheet PDF - Optoway Technology Inc

Part # XPS-4102WG
Download  XPS-4102WG Click to download

File Size   230.42 Kbytes
Page   9 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications

XPS-4102WG Datasheet (HTML) - Optoway Technology Inc


XPS-4102WG Product details

DESCRIPTION
XPS-4102WG series multi-rate 8G XFP transceiver is designed for serial optical data communications such as 8G Fiber Channel. It supports the 8.5Gbps transmission on 9/125 mm SMF.
The transceiver consists of two sections: The transmitter section consists of a directly modulated 1310 nm multiple quantum well laser, driver and signal conditioner. The receiver section incorporates a PIN photodiode integrated with a trans-impedance preamplifier (TIA) and signal conditioner.
The module is with the XFP 30-pin connector to allow hot plug capability. Integrated Tx and Rx signal conditioners provide high jitter-tolerance for full XFI compliance and no external reference clock required. The internally ac coupled high speed serial I/O simplifies interfacing to external circuitry. Only single 3.3V power supply is needed. The optical output can be disabled by LVTTL logic high-level input of TX_DIS. Loss of signal (RX_LOS) output is provided to indicate the loss of an input optical signal of receiver.
A serial EEPROM in the transceiver allows the user to access transceiver digital diagnostic monitoring and configuration data via the 2-wire XFP Management Interface. This interface uses a single address, A0h, with a memory map divided into a lower and upper area. Basic digital diagnostic data is held in the lower area while specific data is held in a series of tables in the high memory area.

FEATURES
● Up to 8.5 Gb/s Bi-directional Data Link
● Complaint to XFP MSA
● Compliance with Fibre Channel FC-PI-4 800-SM-LC-I
● Compliant with 4G, 2G Fibre Channel
● Link Distance
   --- 0 to 1400 m at 8.5 Gb/s
   --- 0 to 5000 m at 4.25 Gb/s
   --- 0 to 10,000 m at 2.125Gb/s
● 1310 nm FP LD Transmitter
● XFI Loopback Mode
● 2-Wire Interface for Integrated Digital Diagnostic
   Monitoring
● No reference clock required
● Low Power Dissipation < 2W
● Only Required +3.3 V Power Supply
● RoHS 6/6 Compliant
● 0 to 70oC Operating: XPS-4102WG
● -10 to 85oC Operating: XPS-4102BWG
● -40 to 85oC Operating: XPS-4102AWG
● Duplex LC Connector

APPLICATIONS
● Multi-rate 8x/4x/2x Fiber Channel

STANDARD
● Compliant with XFP MSA
● Compliant with 8G FC




Similar Part No. - XPS-4102WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-4110AWG OPTOWAY-XPS-4110AWG Datasheet
230Kb / 9P
8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4110BWG OPTOWAY-XPS-4110BWG Datasheet
230Kb / 9P
8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4110WG OPTOWAY-XPS-4110WG Datasheet
230Kb / 9P
8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4120AWG OPTOWAY-XPS-4120AWG Datasheet
228Kb / 9P
8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4120BWG OPTOWAY-XPS-4120BWG Datasheet
228Kb / 9P
8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
More results


Similar Description - XPS-4102WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPM-4100WG OPTOWAY-XPM-4100WG Datasheet
239Kb / 9P
8.5Gb/s 850 nm XFP Multi-Mode Optical Transceiver for 8G FC Applications
XPS-4110WG OPTOWAY-XPS-4110WG Datasheet
230Kb / 9P
8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4120WG OPTOWAY-XPS-4120WG Datasheet
228Kb / 9P
8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4140WG OPTOWAY-XPS-4140WG Datasheet
228Kb / 9P
8.5Gb/s 1310 nm XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4310W-CXX0G OPTOWAY-XPS-4310W-CXX0G Datasheet
233Kb / 9P
3.3V / CWDM / 8.5Gbps XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4340W-CXX0G OPTOWAY-XPS-4340W-CXX0G Datasheet
233Kb / 9P
3.3V / CWDM / 8.5Gbps XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4380WG OPTOWAY-XPS-4380WG Datasheet
236Kb / 9P
8.5Gb/s 1550 nm / 80 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-43100WG OPTOWAY-XPS-43100WG Datasheet
235Kb / 9P
8.5Gb/s 1550 nm / 100 km XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4341W-CXX0G OPTOWAY-XPS-4341W-CXX0G Datasheet
234Kb / 9P
8.5 Gbps/ 40 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
XPS-4381W-CXX0G OPTOWAY-XPS-4381W-CXX0G Datasheet
229Kb / 9P
8.5 Gbps/ 80 km / CWDM XFP Single-Mode Optical Transceiver for 8G FC Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com