Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM1N45 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSM1N45 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSM1N45
Download  TSM1N45 Download
File Size   583.76 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 450V N-Channel Power MOSFET

TSM1N45 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM1N45 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSM1N45
Download  TSM1N45 Click to download

File Size   583.76 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 450V N-Channel Power MOSFET

TSM1N45 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSM1N45 Product details

General Description
The TSM1N45 is N-Channel enhancement mode power field effect transistors are produced using planar DMOS technology process. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand higher energy pulse in the avalanche and commutation mode. There devices are well suited for electronic ballasts base and half bridge configuration.

Features
● Low gate charge @ typical 6.5nC
● Low Crss @ typical 6.5pF
● Avalanche energy specified
● Improved dv/dt capability
● Gate-Source Voltage ±30V guaranteed




Similar Part No. - TSM1N45

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TSM1N45CT VBSEMI-TSM1N45CT Datasheet
970Kb / 6P
N-Channel 60-V (D-S) MOSFET
logo
Taiwan Semiconductor Co...
TSM1N45CTA3 TSC-TSM1N45CTA3 Datasheet
475Kb / 9P
450V N-Channel Power MOSFET
TSM1N45CTB0 TSC-TSM1N45CTB0 Datasheet
475Kb / 9P
450V N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
TSM1N45CTB0 VBSEMI-TSM1N45CTB0 Datasheet
970Kb / 6P
N-Channel 60-V (D-S) MOSFET
logo
Taiwan Semiconductor Co...
TSM1N45CWRP TSC-TSM1N45CWRP Datasheet
475Kb / 9P
450V N-Channel Power MOSFET
More results


Similar Description - TSM1N45

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB6N45 FAIRCHILD-FQB6N45 Datasheet
582Kb / 9P
450V N-Channel MOSFET
FQP6N45 FAIRCHILD-FQP6N45 Datasheet
571Kb / 8P
450V N-Channel MOSFET
SSN1N45B FAIRCHILD-SSN1N45B Datasheet
667Kb / 8P
450V N-Channel MOSFET
SSM1N45B FAIRCHILD-SSM1N45B Datasheet
639Kb / 8P
450V N-Channel MOSFET
logo
Zetex Semiconductors
ZXMN0545G4 ZETEX-ZXMN0545G4 Datasheet
212Kb / 6P
450V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Fairchild Semiconductor
FQPF6N45 FAIRCHILD-FQPF6N45 Datasheet
589Kb / 8P
450V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM1N45D TSC-TSM1N45D Datasheet
386Kb / 6P
450V N-Channel Power MOSFET
TSM1N45 TSC-TSM1N45_10 Datasheet
475Kb / 9P
450V N-Channel Power MOSFET
TSM1N45D TSC-TSM1N45D_12 Datasheet
459Kb / 8P
450V N-Channel Power MOSFET
logo
Diodes Incorporated
ZXMN0545G4 DIODES-ZXMN0545G4_15 Datasheet
517Kb / 6P
450V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com