Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM10N60 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSM10N60 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSM10N60
Download  TSM10N60 Download
File Size   379.95 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 600V N-Channel Power MOSFET

TSM10N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM10N60 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSM10N60
Download  TSM10N60 Click to download

File Size   379.95 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 600V N-Channel Power MOSFET

TSM10N60 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSM10N60 Product details

General Description

The TSM10N60 N-Channel enhancement mode Power MOSFET is produced by planar stripe DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switch mode power supply, power factor correction, electronic lamp ballast based on half bridge.



Features

● Low RDS(ON) 0.75Ω (Max.)

● Low gate charge typical @ 45nC (Typ.)

● Low Crss typical @ 20pF (Typ.)

● Fast Switching




Similar Part No. - TSM10N60

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM10N60 TSC-TSM10N60 Datasheet
399Kb / 9P
600V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
TSM10N60CI VBSEMI-TSM10N60CI Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N60CIC0 TSC-TSM10N60CIC0 Datasheet
399Kb / 9P
600V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
TSM10N60CIC0 VBSEMI-TSM10N60CIC0 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N60CZC0 TSC-TSM10N60CZC0 Datasheet
399Kb / 9P
600V N-Channel MOSFET
More results


Similar Description - TSM10N60

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
600V N-Channel Power MOSFET
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
600V N-Channel Power MOSFET
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
600V N-Channel Power MOSFET
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com