Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3542 Datasheet (PDF) - Maxim Integrated Products

MAX3542 Datasheet PDF - Maxim Integrated Products
Part # MAX3542
Download  MAX3542 Download
File Size   366.41 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Complete Single-Conversion Television Tuner

MAX3542 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3542 Datasheet PDF - Maxim Integrated Products

Part # MAX3542
Download  MAX3542 Click to download

File Size   366.41 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Complete Single-Conversion Television Tuner

MAX3542 Datasheet (HTML) - Maxim Integrated Products


MAX3542 Product details

General Description
The MAX3542 complete single-conversion television tuner is designed for use in analog/digital terrestrial applications and digital set-top boxes. This television tuner draws only 760mW of power from a +3.3V supply voltage.

Features
♦ Low Power Consumption: 760mW (typ) from a
   +3.3V Supply Voltage
♦ Integrated Tracking Filters
♦ Low Noise Figure: 4.9dB (typ)
♦ Small 7mm x 7mm fcLGA Lead-Free Package
♦ IF Overload Detector Controls RF Variable-Gain
   Amplifier
♦ 2-Wire, I2C-Compatible Serial Control Interface

Applications
   Televisions
   Analog/Digital Terrestrial Receivers
   Digital Set-Top Boxes




Similar Part No. - MAX3542

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3542 MAXIM-MAX3542 Datasheet
353Kb / 20P
Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
MAX3542 MAXIM-MAX3542 Datasheet
581Kb / 10P
Evaluation Kits
Rev 0; 2/09
MAX3542CLM MAXIM-MAX3542CLM Datasheet
353Kb / 20P
Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
MAX3542EVKIT MAXIM-MAX3542EVKIT Datasheet
581Kb / 10P
Evaluation Kits
Rev 0; 2/09
MAX3542 MAXIM-MAX3542_11 Datasheet
353Kb / 20P
Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
More results


Similar Description - MAX3542

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541 Datasheet
313Kb / 20P
Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3542 MAXIM-MAX3542_11 Datasheet
353Kb / 20P
Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX3541 MAXIM-MAX3541_11 Datasheet
283Kb / 19P
Complete Single-Conversion Television Tuner
Rev 3; 2/11
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
MAX2165 MAXIM-MAX2165 Datasheet
241Kb / 24P
Single-Conversion DVB-H Tuner
Rev 1; 3/09
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com