Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7060 Datasheet (PDF) - Maxim Integrated Products

MAX7060 Datasheet PDF - Maxim Integrated Products
Part # MAX7060
Download  MAX7060 Download
File Size   2051.63 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 280MHz to 450MHz Programmable ASK/FSK Transmitter

MAX7060 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7060 Datasheet PDF - Maxim Integrated Products

Part # MAX7060
Download  MAX7060 Click to download

File Size   2051.63 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 280MHz to 450MHz Programmable ASK/FSK Transmitter

MAX7060 Datasheet (HTML) - Maxim Integrated Products


MAX7060 Product details

General Description
The MAX7060 frequency and power-programmable ASK/FSK transmitter operates at 280MHz to 450MHz frequencies. This device incorporates a fully integrated fractional-N synthesizer, which allows the user to set the RF operating frequency to a large fraction of the 280MHz to 450MHz frequency range with a single crystal. For example, the MAX7060 can be tuned from 285MHz to 420MHz with a 15MHz crystal. The RF output power is user-controlled between +14dBm and -14dBm, with a 5V supply or with battery voltages as low as 3.2V. At the minimum specified battery voltage of 2.1V, the RF output power-control range is between +10dBm and -14dBm. To maintain a good output power match across a broad range of frequencies, the MAX7060 also contains a programmable matching capacitor connected in parallel with the power amplifier (PA) output

Features
♦ Fully Integrated, Fast Fractional-N PLL
   280MHz to 450MHz RF Frequency
   Frequency Range 100% Tested at +125NC
   < 250µs Startup Time
   Adjustable FSK Mark and Space Frequencies
   Ultra-Clean FSK Modulation
   50kbps Manchester Data Rate ASK
   70kbps Manchester Data Rate FSK
♦ Programmable Power Amplifier
   +14dBm Tx Power with 5V Supply
   +10dBm Tx Power at 2.1V Supply
   28dB Power-Control Range in 1dB Steps
♦ Tunable PA Matching Capacitor
♦ Control Through SPI or Manual Settings
♦ Low Shutdown Current for 2.1V to 3.6V Supply
   400nA Standby Current, Power-On-Reset
      (POR) Active
   5nA Shutdown Current, POR Inactive
♦ Supply Flexibility
   2.1V to 3.6V Single-Supply Operation or
   4.5V to 5.5V Supply Operation with Internal
      Regulators
♦ 24-Pin (4mm x 4mm) TQFN Package
♦ FCC Part 15, ETSI EN 300 220 Compliant*

Applications
   Garage-Door Openers
   Remote Controls
   Home and Industrial Automation
   Sensor Networks
   Security Systems




Similar Part No. - MAX7060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7060 MAXIM-MAX7060 Datasheet
1Mb / 31P
280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
MAX7060ATG+ MAXIM-MAX7060ATG+ Datasheet
1Mb / 31P
280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
MAX7060ATG/V+ MAXIM-MAX7060ATG/V+ Datasheet
1Mb / 31P
280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
MAX7060EVKIT MAXIM-MAX7060EVKIT Datasheet
2Mb / 23P
Emulation Mode Simulates Hardware-Only Options
Rev 0; 9/10
MAX7060EVKIT+ MAXIM-MAX7060EVKIT+ Datasheet
2Mb / 23P
Emulation Mode Simulates Hardware-Only Options
Rev 0; 9/10
More results


Similar Description - MAX7060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
MAX7060 MAXIM-MAX7060_12 Datasheet
1Mb / 31P
280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
logo
Micrel Semiconductor
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
logo
Melexis Microelectronic...
MLX72013 MELEXIS-MLX72013 Datasheet
411Kb / 21P
FSK/ASK Transmitter
EVB72013 MELEXIS-EVB72013 Datasheet
896Kb / 13P
FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_12 Datasheet
376Kb / 15P
FSK/ASK Transmitter
TH72015 MELEXIS-TH72015_12 Datasheet
807Kb / 20P
FSK/ASK Transmitter
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com