Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1039-QJ Datasheet (PDF) - Mimix Broadband

XP1039-QJ Datasheet PDF - Mimix Broadband
Part # XP1039-QJ
Download  XP1039-QJ Download
File Size   889.42 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 5.6-7.1 GHz Linear 4W Power Amplifier 6x6mm QFN

XP1039-QJ Datasheet (PDF)

Go To PDF Page Download Datasheet
XP1039-QJ Datasheet PDF - Mimix Broadband

Part # XP1039-QJ
Download  XP1039-QJ Click to download

File Size   889.42 Kbytes
Page   6 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 5.6-7.1 GHz Linear 4W Power Amplifier 6x6mm QFN

XP1039-QJ Datasheet (HTML) - Mimix Broadband




Similar Part No. - XP1039-QJ

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1039-QJ MIMIX-XP1039-QJ Datasheet
1Mb / 6P
115.6-7.1 GHz Linear
logo
M/A-COM Technology Solu...
XP1039-QJ MA-COM-XP1039-QJ Datasheet
213Kb / 7P
2.5 W Power Amplifier
XP1039-QJ-0G00 MA-COM-XP1039-QJ-0G00 Datasheet
911Kb / 8P
Integrated Power Detector
XP1039-QJ-0G0T MA-COM-XP1039-QJ-0G0T Datasheet
911Kb / 8P
Integrated Power Detector
XP1039-QJ-EV1 MA-COM-XP1039-QJ-EV1 Datasheet
911Kb / 8P
Integrated Power Detector
More results


Similar Description - XP1039-QJ

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2502 TRIQUINT-TGA2502 Datasheet
180Kb / 9P
13 - 15 GHz 4W Power Amplifier
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
Amplifier, Power, 2W 7.1-11.7 GHz
logo
Mimix Broadband
XP1035-QH MIMIX-XP1035-QH Datasheet
855Kb / 6P
5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
XP1035-QH MIMIX-XP1035-QH_10 Datasheet
860Kb / 7P
5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
XP1050-QJ MIMIX-XP1050-QJ Datasheet
629Kb / 10P
7.0-9.0 GHz Linear Power Amplifier 6x6mm QFN
XP1039-QJ MIMIX-XP1039-QJ_11 Datasheet
1Mb / 6P
115.6-7.1 GHz Linear
logo
TriQuint Semiconductor
TGA2502 TRIQUINT-TGA2502_15 Datasheet
435Kb / 10P
13 15 GHz 4W Power Amplifier
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
7.1 to 8.5 GHz Power Amplifier
logo
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
7.1 ??8.5 GHz Power Amplifier
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
5.9 ??7.1 GHz Power Amplifier
September 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com