Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1058-BD Datasheet (PDF) - Mimix Broadband

XP1058-BD Datasheet PDF - Mimix Broadband
Part # XP1058-BD
Download  XP1058-BD Download
File Size   1538.25 Kbytes
Page   12 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 14.5-16.0 GHz GaAs MMIC Power Amplifier

XP1058-BD Datasheet (PDF)

Go To PDF Page Download Datasheet
XP1058-BD Datasheet PDF - Mimix Broadband

Part # XP1058-BD
Download  XP1058-BD Click to download

File Size   1538.25 Kbytes
Page   12 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 14.5-16.0 GHz GaAs MMIC Power Amplifier

XP1058-BD Datasheet (HTML) - Mimix Broadband




Similar Part No. - XP1058-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1050-QJ MIMIX-XP1050-QJ Datasheet
629Kb / 10P
7.0-9.0 GHz Linear Power Amplifier 6x6mm QFN
XP1050-QJ MIMIX-XP1050-QJ Datasheet
1Mb / 10P
177.0-9.0 GHz Linear Power Amplifier
logo
M/A-COM Technology Solu...
XP1050-QJ MA-COM-XP1050-QJ Datasheet
191Kb / 7P
2.5 W Power Amplifier
logo
Mimix Broadband
XP1050-QJ-0G00 MIMIX-XP1050-QJ-0G00 Datasheet
629Kb / 10P
7.0-9.0 GHz Linear Power Amplifier 6x6mm QFN
logo
M/A-COM Technology Solu...
XP1050-QJ-0G00 MA-COM-XP1050-QJ-0G00 Datasheet
820Kb / 8P
Lead-Free 6 mm 24-lead QFN Package
More results


Similar Description - XP1058-BD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0007 MACOM-AM42-0007 Datasheet
39Kb / 3P
GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz
logo
Mimix Broadband
XB1004 MIMIX-XB1004 Datasheet
450Kb / 10P
16.0-30.0 GHz GaAs MMIC Buffer Amplifier
logo
Tyco Electronics
AM42-0041 MACOM-AM42-0041 Datasheet
204Kb / 3P
GaAs MMIC VSAT Power Amplifier, 0.5W 14.0 - 14.5 GHz
logo
Mimix Broadband
XP1008 MIMIX-XP1008 Datasheet
160Kb / 6P
11.0-16.0 GHz GaAs MMIC Power Amplifier
XB1004-BD MIMIX-XB1004-BD Datasheet
290Kb / 10P
16.0-30.0 GHz GaAs MMIC Buffer Amplifier
logo
M/A-COM Technology Solu...
AM42-0002 MA-COM-AM42-0002 Datasheet
167Kb / 4P
GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
252Kb / 3P
GaAs MMIC Power Amplifier, 2 W 14.0 - 14.5 GHz
AM42-0041 MA-COM-AM42-0041 Datasheet
143Kb / 4P
GaAs MMIC VSAT Power Amplifier, 0.5 W 14.0 - 14.5 GHz
logo
Mimix Broadband
XP1057-BD MIMIX-XP1057-BD Datasheet
1Mb / 12P
13.5-16.0 GHz GaAs MMIC Power Amplifier
XP1070-BD MIMIX-XP1070-BD Datasheet
1Mb / 11P
14.5-17.0 GHz GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com