Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP9003-MB Datasheet (PDF) - Mimix Broadband

XP9003-MB Datasheet PDF - Mimix Broadband
Part # XP9003-MB
Download  XP9003-MB Download
File Size   217.65 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 1.6 GHz 30W Power Amplifier Module

XP9003-MB Datasheet (PDF)

Go To PDF Page Download Datasheet
XP9003-MB Datasheet PDF - Mimix Broadband

Part # XP9003-MB
Download  XP9003-MB Click to download

File Size   217.65 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 1.6 GHz 30W Power Amplifier Module

XP9003-MB Datasheet (HTML) - Mimix Broadband




Similar Part No. - XP9003-MB

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP9003 MIMIX-XP9003 Datasheet
719Kb / 5P
30W Power Amplifier Module
XP9003 MIMIX-XP9003_10 Datasheet
719Kb / 5P
30W Power Amplifier Module
More results


Similar Description - XP9003-MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PH1617-30 ETC1-PH1617-30 Datasheet
212Kb / 3P
Wireless Bipolar Power Transistor, 30W 1.6-1.7 GHz
logo
Tyco Electronics
MAAPGM0019 MACOM-MAAPGM0019 Datasheet
217Kb / 6P
9.8-13.0 GHz 1.6 W Power Amplifier
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G Datasheet
315Kb / 16P
1.6 GHz Low Noise Amplifier
logo
Mimix Broadband
XP9003 MIMIX-XP9003_10 Datasheet
719Kb / 5P
30W Power Amplifier Module
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2578-CP TRIQUINT-TGA2578-CP_15 Datasheet
601Kb / 12P
2 to 6 GHz, 30W GaN Power Amplifier
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_15 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2590 TRIQUINT-TGA2590 Datasheet
613Kb / 12P
6-12 GHz 30W GaN Power Amplifier
logo
Qorvo, Inc
TGA2590 QORVO-TGA2590 Datasheet
797Kb / 12P
6-12 GHz 30W GaN Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com