Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11811 Datasheet (PDF) - Maxim Integrated Products

MAX11811 Datasheet PDF - Maxim Integrated Products
Part # MAX11811
Download  MAX11811 Download
File Size   816.13 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description TacTouch™, Low-Power, Ultra-Small, Resistive Touch-Screen Controller with Haptic Driver

MAX11811 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11811 Datasheet PDF - Maxim Integrated Products

Part # MAX11811
Download  MAX11811 Click to download

File Size   816.13 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description TacTouch™, Low-Power, Ultra-Small, Resistive Touch-Screen Controller with Haptic Driver

MAX11811 Datasheet (HTML) - Maxim Integrated Products


MAX11811 Product details

General Description
The MAX11811 low-power touch-screen controller operates from a 1.7V to 3.6V single supply targeting powersensitive applications such as handheld equipment. The device contains a 12-bit SAR ADC and a multiplexer to interface with a resistive touch-screen panel. A digital serial interface provides communications.

Features
♦ 4-Wire Touch-Screen Interface
♦ X/Y Coordinate Measurement and Touch Pressure
   Measurement
♦ Ratiometric Measurement
♦ 12-Bit SAR ADC
♦ Single 1.7V to 3.6V Supply
♦ Two Operating Modes—Direct and Autonomous
♦ Data Tagging Provides Measurement and Touch
   Event Information
♦ Data Filtering Provides Noise Reduction
♦ Aperture Mode Provides Spatial Filtering
♦ Digital Processing Reduces Bus Activity and
   Interrupt Generation
♦ Programmable Touch-Detect Pullup Resistors
♦ Auto Power-Down Control for Low-Power
   Operation
♦ General-Purpose Current DAC Output
♦ General-Purpose Input
♦ Integrated Proximity Sensing System
♦ Integrated Motor Haptic Driver*
♦ PWM Output for MAX11835 Haptic Piezo
   Controller† (HPC)
♦ 400kHz I2C Interface
♦ 20-Pin, 4mm x 4mm TQFN
♦ Low-Power Operation
   250µW at VDD = 1.7V, 34.4ksps
♦ ESD Protection
   Q8kV HBM (X+, X-, Y+, Y-)

  
Applications
   Mobile Communication Devices
   PDA, GPS Receivers, Personal Navigation
   Devices, Media Players
   Digital Still Camera
   Digital Video Camera
   Digital Photo Frame
   POS Terminals and Financial Terminals
   Handheld Games
   Automotive Center Consoles




Similar Part No. - MAX11811

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11811 MAXIM-MAX11811 Datasheet
6Mb / 23P
Touch Evaluation System (TEVS)
Rev 0; 9/10
MAX11811 MAXIM-MAX11811 Datasheet
6Mb / 23P
Pseudo Multi-Touch Demonstration
Rev 0; 9/10
MAX11811TEVS MAXIM-MAX11811TEVS Datasheet
6Mb / 23P
Pseudo Multi-Touch Demonstration
Rev 0; 9/10
MAX11811TEVS+ MAXIM-MAX11811TEVS+ Datasheet
6Mb / 23P
Touch Evaluation System (TEVS)
Rev 0; 9/10
MAX11811TEVS+ MAXIM-MAX11811TEVS+ Datasheet
6Mb / 23P
Pseudo Multi-Touch Demonstration
Rev 0; 9/10
More results


Similar Description - MAX11811

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
MAX11800 MAXIM-MAX11800_10 Datasheet
899Kb / 57P
Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
logo
Microchip Technology
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
Resistive Touch Screen Controller
2009
logo
Maxim Integrated Produc...
MAX11800_1010 MAXIM-MAX11800_1010 Datasheet
994Kb / 59P
Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
Resistive Touch Screen Controller
11/29/11
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Rohm
BU21024FV-M ROHM-BU21024FV-M_14 Datasheet
716Kb / 20P
Resistive Type Touch Screen Controller ICs
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
4-wire Resistive Touch Screen Controller
logo
Shenzhen Huazhimei Semi...
HM2056 HMSEMI-HM2056 Datasheet
892Kb / 19P
Ultra-low power consumption 4-wire resistive touch screen controller
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com