Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F100R6T6B Datasheet (PDF) - STMicroelectronics

STM32F100R6T6B Datasheet PDF - STMicroelectronics
Part # STM32F100R6T6B
Download  STM32F100R6T6B Download
File Size   1153.61 Kbytes
Page   84 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU

STM32F100R6T6B Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F100R6T6B Datasheet PDF - STMicroelectronics

Part # STM32F100R6T6B
Download  STM32F100R6T6B Click to download

File Size   1153.61 Kbytes
Page   84 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU

STM32F100R6T6B Datasheet (HTML) - STMicroelectronics


STM32F100R6T6B Product details

Introduction
This datasheet provides the ordering information and mechanical device characteristics of the STM32F100x4, STM32F100x6, STM32F100x8 and STM32F100xB microcontrollers.
In the rest of the document, the STM32F100x4 and STM32F100x6 are referred to as low-density devices while the STM32F100x8 and STM32F100xB are identified as medium-density devices.

Features
• Core: ARM® 32-bit Cortex®-M3 CPU
   – 24 MHz maximum frequency, 1.25 DMIPS/MHz (Dhrystone 2.1) performance
   – Single-cycle multiplication and hardware division
• Memories
   – 16 to 128 Kbytes of Flash memory
   – 4 to 8 Kbytes of SRAM
• Clock, reset and supply management
   – 2.0 to 3.6 V application supply and I/Os
   – POR, PDR and programmable voltage detector (PVD)
   – 4-to-24 MHz crystal oscillator
   – Internal 8 MHz factory-trimmed RC
   – Internal 40 kHz RC
   – PLL for CPU clock
   – 32 kHz oscillator for RTC with calibration
• Low power
   – Sleep, Stop and Standby modes
   – VBAT supply for RTC and backup registers
• Debug mode
   – Serial wire debug (SWD) and JTAG interfaces
• DMA
   – 7-channel DMA controller
   – Peripherals supported: timers, ADC, SPIs, I2Cs, USARTs and DACs
• 1 × 12-bit, 1.2 µs A/D converter (up to 16 channels)
   – Conversion range: 0 to 3.6 V
   – Temperature sensor
• 2 × 12-bit D/A converters
• Up to 80 fast I/O ports
   – 37/51/80 I/Os, all mappable on 16 external interrupt vectors and almost all 5 V-tolerant
• Up to 12 timers
   – Up to three 16-bit timers, each with up to 4 IC/OC/PWM or pulse counter
   – 16-bit, 6-channel advanced-control timer: up to 6 channels for PWM output, dead time generation and emergency stop
   – One 16-bit timer, with 2 IC/OC, 1 OCN/PWM, dead-time generation and emergency stop
   – Two 16-bit timers, each with IC/OC/OCN/PWM, dead-time generation and emergency stop
   – 2 watchdog timers (Independent and Window)
   – SysTick timer: 24-bit downcounter
   – Two 16-bit basic timers to drive the DAC
• Up to 8 communications interfaces
   – Up to two I2C interfaces (SMBus/PMBus)
   – Up to 3 USARTs (ISO 7816 interface, LIN, IrDA capability, modem control)
   – Up to 2 SPIs (12 Mbit/s)
   – Consumer electronics control (CEC) interface
• CRC calculation unit, 96-bit unique ID
• ECOPACK® packages




Similar Part No. - STM32F100R6T6B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F100RC STMICROELECTRONICS-STM32F100RC Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU
17-Sep-2012
STM32F100RC STMICROELECTRONICS-STM32F100RC Datasheet
1Mb / 106P
Clock, reset and supply management
29-Mar-2016
STM32F100RCT6 STMICROELECTRONICS-STM32F100RCT6 Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
17-Sep-2012
STM32F100RCT6BTR STMICROELECTRONICS-STM32F100RCT6BTR Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU
17-Sep-2012
STM32F100RCT7BTR STMICROELECTRONICS-STM32F100RCT7BTR Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU
17-Sep-2012
More results


Similar Description - STM32F100R6T6B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F051X4 STMICROELECTRONICS-STM32F051X4 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU
23-Jul-2012
STM32F100RC STMICROELECTRONICS-STM32F100RC Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU
17-Sep-2012
CD00161566 STMICROELECTRONICS-CD00161566 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
05-Aug-2013
CD00191174 STMICROELECTRONICS-CD00191174 Datasheet
1Mb / 112P
High-density access line, ARM-based 32-bit MCU
19-Apr-2011
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103VFT6 STMICROELECTRONICS-STM32F103VFT6 Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103VFT6TR STMICROELECTRONICS-STM32F103VFT6TR Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU
19-Apr-2011
STM32F107VBT6 STMICROELECTRONICS-STM32F107VBT6 Datasheet
1Mb / 103P
Connectivity line, ARM-based 32-bit MCU
01-Aug-2011
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
ARM-based 32-bit MCU
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com