Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBMB150E6 Datasheet (PDF) - Nihon Inter Electronics Corporation

PBMB150E6 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PBMB150E6
Download  PBMB150E6 Download
File Size   261.15 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT Module-H Bridge 150A, 600V

PBMB150E6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBMB150E6 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PBMB150E6
Download  PBMB150E6 Click to download

File Size   261.15 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description IGBT Module-H Bridge 150A, 600V

PBMB150E6 Datasheet (HTML) - Nihon Inter Electronics Corporation


PBMB150E6 Product details

IGBT Module-H Bridge 150 A, 600 V




Similar Part No. - PBMB150E6

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PBMB150E6 NI-PBMB150E6_15 Datasheet
261Kb / 4P
150A, 600V
More results


Similar Description - PBMB150E6

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PP150B060 POWEREX-PP150B060 Datasheet
361Kb / 6P
POW-R-PAK 150A / 600V H-Bridge IGBT Assembly
logo
Nihon Inter Electronics...
PBMB75A6 NIEC-PBMB75A6 Datasheet
114Kb / 3P
IGBT MODULE H-Bridge 75A 600V
PBMB150A6 NIEC-PBMB150A6 Datasheet
112Kb / 3P
IGBT MODULE H-Bridge 150A 600V
PBMB150B12 NIEC-PBMB150B12 Datasheet
119Kb / 3P
IGBT MODULE H-Bridge 150A 1200V
PBMB200A6 NIEC-PBMB200A6 Datasheet
111Kb / 3P
IGBT MODULE H-Bridge 200A 600V
PBMB75E6 NIEC-PBMB75E6 Datasheet
261Kb / 4P
IGBT Module-H Bridge 75A, 600V
logo
MacMic
MMG150HB060B6EN MACMIC-MMG150HB060B6EN Datasheet
445Kb / 6P
600V 150A IGBT Module
MMG150S060B6EN MACMIC-MMG150S060B6EN Datasheet
401Kb / 5P
600V 150A IGBT Module
MMG150S060B6TC MACMIC-MMG150S060B6TC Datasheet
354Kb / 6P
600V 150A IGBT Module
MMG150S060DE6EN MACMIC-MMG150S060DE6EN Datasheet
434Kb / 5P
600V 150A IGBT Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com