Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBMB200E6 Datasheet (PDF) - Nihon Inter Electronics Corporation

PBMB200E6 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PBMB200E6
Download  PBMB200E6 Download
File Size   328.48 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description Full Bridge IGBT Module 200A/600V

PBMB200E6 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBMB200E6 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PBMB200E6
Download  PBMB200E6 Click to download

File Size   328.48 Kbytes
Page   4 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description Full Bridge IGBT Module 200A/600V

PBMB200E6 Datasheet (HTML) - Nihon Inter Electronics Corporation


PBMB200E6 Product details

Full Bridge IGBT Module 200 A / 600 V




Similar Part No. - PBMB200E6

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PBMB200E6 NI-PBMB200E6_15 Datasheet
328Kb / 4P
200A, 600V
More results


Similar Description - PBMB200E6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PBMB200A6 NIEC-PBMB200A6 Datasheet
111Kb / 3P
IGBT MODULE H-Bridge 200A 600V
PCHMB200A6A NIEC-PCHMB200A6A Datasheet
111Kb / 3P
IGBT MODULE Chopper 200A 600V
PDMB200A6 NIEC-PDMB200A6 Datasheet
108Kb / 3P
IGBT MODULE Dual 200a 600V
PRHMB200A6 NIEC-PRHMB200A6 Datasheet
111Kb / 3P
IGBT MODULE Chopper 200A 600V
PBMB200B12 NIEC-PBMB200B12 Datasheet
231Kb / 3P
Full Bridge IGBT Module 200A/1200V
logo
MacMic
MMG200HB060B6EN MACMIC-MMG200HB060B6EN Datasheet
356Kb / 6P
600V 200A IGBT Module
MMG200HB060H6EN MACMIC-MMG200HB060H6EN Datasheet
460Kb / 6P
600V 200A IGBT Module
MMG200S060B6EN MACMIC-MMG200S060B6EN Datasheet
277Kb / 5P
600V 200A IGBT Module
MMG200S060B6TC MACMIC-MMG200S060B6TC Datasheet
358Kb / 6P
600V 200A IGBT Module
MMG200S060DE6EN MACMIC-MMG200S060DE6EN Datasheet
279Kb / 5P
600V 200A IGBT Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com