Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD60KN8 Datasheet (PDF) - Nihon Inter Electronics Corporation

PD60KN8 Datasheet PDF - Nihon Inter Electronics Corporation
Part # PD60KN8
Download  PD60KN8 Download
File Size   149.62 Kbytes
Page   2 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE 60A Avg 800 Volts

PD60KN8 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD60KN8 Datasheet PDF - Nihon Inter Electronics Corporation

Part # PD60KN8
Download  PD60KN8 Click to download

File Size   149.62 Kbytes
Page   2 Pages
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation
Description DIODE 60A Avg 800 Volts

PD60KN8 Datasheet (HTML) - Nihon Inter Electronics Corporation




Similar Part No. - PD60KN8

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
PD60KN8 KSS-PD60KN8 Datasheet
219Kb / 2P
Diode
logo
National Instruments Co...
PD60KN8 NI-PD60KN8_15 Datasheet
149Kb / 2P
60竊?Avg 800Volts
More results


Similar Description - PD60KN8

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC4008 NIEC-PC4008 Datasheet
210Kb / 2P
DIODE 400A Avg 800 Volts
PD60KN16 NIEC-PD60KN16 Datasheet
155Kb / 2P
DIODE 60A Avg 1600 Volts
PD100KN8 NIEC-PD100KN8 Datasheet
154Kb / 2P
DIODE 100A Avg 800 Volts
PH400N8 NIEC-PH400N8 Datasheet
351Kb / 2P
DIODE 400A Avg 800 Volts
PH4008 NIEC-PH4008 Datasheet
153Kb / 2P
DIODE 400A Avg 800 Volts
PHT608C NIEC-PHT608C Datasheet
26Kb / 1P
THYRISTOR 60A Avg 800 Volts
PC608 NIEC-PC608_1 Datasheet
153Kb / 2P
60A Avg 800 Volts
PDT608 NIEC-PDT608_1 Datasheet
245Kb / 4P
60A Avg 800 Volts
PE608N NIEC-PE608N_1 Datasheet
153Kb / 2P
60A Avg 800 Volts
logo
National Instruments Co...
PC608 NI-PC608_15 Datasheet
153Kb / 2P
60A Avg 800 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com