Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBP201 Datasheet (PDF) - Compact Technology Corp.

KBP201 Datasheet PDF - Compact Technology Corp.
Part # KBP201
Download  KBP201 Download
File Size   132.1 Kbytes
Page   2 Pages
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.
Description GLASS PASSIVATED BRIDGE RECTIFIERS

KBP201 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBP201 Datasheet PDF - Compact Technology Corp.

Part # KBP201
Download  KBP201 Click to download

File Size   132.1 Kbytes
Page   2 Pages
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.
Description GLASS PASSIVATED BRIDGE RECTIFIERS

KBP201 Datasheet (HTML) - Compact Technology Corp.


KBP201 Product details

FEATURES
• Rating to 1000V PRV
• Ideal for printed circuit board
• Reliable low cost construction utilizing molded plastic technique
• The plastic material has UL flammability classification 94V-0
• In compliance with EU RoHS 2002/95/EC directives




Similar Part No. - KBP201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBP201 WTE-KBP201 Datasheet
37Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBP201 JGD-KBP201 Datasheet
118Kb / 2P
SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
KBP201 EIC-KBP201 Datasheet
18Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Leshan Radio Company
KBP201 LRC-KBP201 Datasheet
53Kb / 2P
2.0A BRIDGE RECTIFIERS
logo
Comchip Technology
KBP201 COMCHIP-KBP201 Datasheet
138Kb / 3P
Silicon Bridge Rectifiers
More results


Similar Description - KBP201

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com