Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF3003 Datasheet (PDF) - Compact Technology Corp.

UF3003 Datasheet PDF - Compact Technology Corp.
Part # UF3003
Download  UF3003 Download
File Size   37.86 Kbytes
Page   2 Pages
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.
Description ULTRA FAST RECTIFIERS

UF3003 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF3003 Datasheet PDF - Compact Technology Corp.

Part # UF3003
Download  UF3003 Click to download

File Size   37.86 Kbytes
Page   2 Pages
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.
Description ULTRA FAST RECTIFIERS

UF3003 Datasheet (HTML) - Compact Technology Corp.


UF3003 Product details

FEATURES
 • Low cost
 • Diffused junction
 • Ultra fast switching for high efficiency
 • Low reverse leakage current
 • Low forward voltage drop
 • High current capability
 • The plastic material carries UL recognition 94V-0




Similar Part No. - UF3003

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF3003 DIODES-UF3003 Datasheet
62Kb / 2P
3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. E-2
logo
Fuji Electric
UF3003 FUJI-UF3003 Datasheet
701Kb / 1P
3 AMP ULTRA FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
UF3003 DIODES-UF3003 Datasheet
409Kb / 3P
3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. 8 - 2
logo
Lite-On Technology Corp...
UF3003 LITEON-UF3003 Datasheet
37Kb / 2P
ULTRA FAST RECTIFIERS
logo
Gulf Semiconductor
UF3003 GULFSEMI-UF3003 Datasheet
155Kb / 2P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
More results


Similar Description - UF3003

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
HER101 JUXING-HER101 Datasheet
1Mb / 2P
Ultra Fast Rectifiers
HER601 JUXING-HER601 Datasheet
1Mb / 2P
Ultra Fast Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
ULTRA FAST RECTIFIERS
logo
Microdiode Semiconducto...
UF5400 CHENDA-UF5400 Datasheet
534Kb / 2P
ULTRA FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MUR410G YFWDIODE-MUR410G Datasheet
431Kb / 3P
Ultra Fast Rectifiers
logo
SAMYANG ELECTRONICS CO....
US5A SAMYANG-US5A Datasheet
1Mb / 3P
ULTRA FAST RECTIFIERS
logo
Microsemi Corporation
UHVP2802 MICROSEMI-UHVP2802 Datasheet
128Kb / 1P
Ultra Fast Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com