Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KT0803K Datasheet (PDF) - List of Unclassifed Manufacturers

KT0803K Datasheet PDF - List of Unclassifed Manufacturers
Part # KT0803K
Download  KT0803K Download
File Size   951.6 Kbytes
Page   18 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip?

KT0803K Datasheet (PDF)

Go To PDF Page Download Datasheet
KT0803K Datasheet PDF - List of Unclassifed Manufacturers

Part # KT0803K
Download  KT0803K Click to download

File Size   951.6 Kbytes
Page   18 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip?

KT0803K Datasheet (HTML) - List of Unclassifed Manufacturers


KT0803K Product details

[KTMicro]

General Description
KT0803K, our new generation of low cost Monolithic Digital FM Transmitter, is designed to process high-fidelity stereo audio signal and transmit modulated FM signal over a short range. It’s based on the architecture of award winning KT0801 and it’s also an upgrade of KT0803. The additional features added to KT0803K are increased transmission power up to 113 dBuV, auto level detection and bass boost and support of 32.768K Hz clock or crystal.
The KT0803K features dual 20-bit ΔΣ audio ADCs, a high fidelity digital stereo audio processor and a fully integrated radio frequency (RF) transmitter. An on-chip low-drop-out regulator (LDO) allows the chip to be integrated in a wide range of low-voltage battery-operated systems with power supply ranging from 1.6V to 3.6V.
The KT0803K is configured as an I2C slave and programmed through the industry standard 2-wire MCU interface.
Thanks to its high integration level, the KT0803K is mounted in a generic 16-pin SOP package. It only requires a single low-voltage supply. No external tuning is required that makes design-in effort minimum.

Features
   Hardware compatible with KT0803
   Additional features to KT0803
      Increased transmission Power
      Input signal detection
      Bass boost control
      32.768 KHz clock support
   Professional Grade Performance:
      SNR ≥ 60 dB
      Stereo Separation > 40 dB
      International compatible 70MHz ~ 108MHz
   Ultra-Low Power Consumption:
      < 17 mA operation current
      < 3 µA standby current
   Small Form factor:
      16-pin SOP
   Simple Interface:
      Single power supply
      Industry standard 2-wire I2C MCU
      interface compatible
   Advanced Digital Audio Signal Processing:
      On-chip 20-bit ΔΣ Audio ADC
      On-chip DSP core
      On-chip 24dB PGA with optional 1dB step
      Automatic calibration against process
      and temperature
   On-Chip LDO (low-drop-out) regulator:
      Accommodates 1.6V ~ 3.6V supply
   Programmable transmit level
   Programmable pre-emphasis (50/75 µs)
   Pb-free and RoHS Compliant
  
Applications
   MP3 Player
   Cellular Phone
   PDA
   Portable Personal Media player
   Laptop Computer
   Wireless Speaker




Similar Part No. - KT0803K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KT0803L ETC2-KT0803L Datasheet
743Kb / 23P
Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip
More results


Similar Description - KT0803K

ManufacturerPart #DatasheetDescription
logo
Rohm
BA1404 ROHM-BA1404 Datasheet
136Kb / 4P
Fm Stereo Transmitter
logo
NXP Semiconductors
TEA5767 PHILIPS-TEA5767 Datasheet
382Kb / 2P
single-chip FM stereo radio
March 2002
logo
Texas Instruments
SN761633 TI-SN761633 Datasheet
527Kb / 27P
FM STEREO RADIO WITH TRANSMITTER
SN761634 TI-SN761634 Datasheet
419Kb / 20P
FM STEREO TRANSMITTER
logo
NXP Semiconductors
TEA5760UK NXP-TEA5760UK Datasheet
220Kb / 37P
Single chip FM stereo radio
Rev. 01-14 December 2006
logo
Texas Instruments
SN761634 TI1-SN761634_13 Datasheet
273Kb / 20P
FM STEREO TRANSMITTER
logo
List of Unclassifed Man...
KT0803L ETC2-KT0803L Datasheet
743Kb / 23P
Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip
KT0806L ETC-KT0806L Datasheet
818Kb / 23P
Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip™
Rev. 1.4
KT0830EG ETC-KT0830EG Datasheet
912Kb / 21P
Stereo FM Receiver Radio-on-a-Chip™
Rev. 1.2
logo
Beken Corporation
BK1085 BEKEN-BK1085 Datasheet
1Mb / 20P
FM STEREO TRANSMITTER
Rev.1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com