Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC278MS8G Datasheet (PDF) - Hittite Microwave Corporation

HMC278MS8G Datasheet PDF - Hittite Microwave Corporation
Part # HMC278MS8G
Download  HMC278MS8G Download
File Size   252.19 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 100 mW MEDIUM POWER GaAs MMIC AMPLIFIER, 1.7 - 3.0 GHz

HMC278MS8G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC278MS8G Datasheet PDF - Hittite Microwave Corporation

Part # HMC278MS8G
Download  HMC278MS8G Click to download

File Size   252.19 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 100 mW MEDIUM POWER GaAs MMIC AMPLIFIER, 1.7 - 3.0 GHz

HMC278MS8G Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC278MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC278MS8G HITTITE-HMC278MS8G Datasheet
234Kb / 6P
100 mW MEDIUM POWER GaAs IC AMPLIFIER 1.7 - 3.0 GHz
More results


Similar Description - HMC278MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC308 HITTITE-HMC308 Datasheet
261Kb / 8P
GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
logo
NEC
UPC1677B NEC-UPC1677B Datasheet
45Kb / 3P
1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC278MS8G HITTITE-HMC278MS8G Datasheet
234Kb / 6P
100 mW MEDIUM POWER GaAs IC AMPLIFIER 1.7 - 3.0 GHz
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC308 HITTITE-HMC308_08 Datasheet
262Kb / 8P
GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
logo
M/A-COM Technology Solu...
MAAM26100-B1 MA-COM-MAAM26100-B1 Datasheet
116Kb / 2P
GaAs MMIC Power Amplifier 3.0 - 6.4 GHz
logo
Hittite Microwave Corpo...
HMC272AMS8 HITTITE-HMC272AMS8 Datasheet
399Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC308 HITTITE-HMC308_09 Datasheet
252Kb / 6P
GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC283 HITTITE-HMC283_10 Datasheet
336Kb / 8P
GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com