Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGN Datasheet (PDF) - Omron Electronics LLC

MGN Datasheet PDF - Omron Electronics LLC
Part # MGN
Download  MGN Download
File Size   414.42 Kbytes
Page   6 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Heavy Duty Power Relay

MGN Datasheet (PDF)

Go To PDF Page Download Datasheet
MGN Datasheet PDF - Omron Electronics LLC

Part # MGN
Download  MGN Click to download

File Size   414.42 Kbytes
Page   6 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Heavy Duty Power Relay

MGN Datasheet (HTML) - Omron Electronics LLC


MGN Product details

30 Amp Heavy Duty Relay

• Class F coil insulation system for 155°C (311°F)
• Coil molded in DuPont Rynite® for environmental protection
• Rugged construction rivets terminals to base
• CULUS Listed
• Short Circuit Current Rating (SCCR) of 5kA, 600VAC




Similar Part No. - MGN

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MGN1 MURATA-PS-MGN1 Datasheet
997Kb / 21P
3kVAC Isolated 1W SM GaN Gate Drive DC-DC Converters
MGN1 MURATA-PS-MGN1 Datasheet
2Mb / 21P
3kVAC Isolated 1W SM GaN Gate Drive DC-DC Converters
2024
logo
STANLEY ELECTRIC CO.,LT...
MGN1105MS-TR STANLEY-MGN1105MS-TR Datasheet
729Kb / 25P
Lead?밼ree soldering compatible
MGN1106MS-TR STANLEY-MGN1106MS-TR Datasheet
691Kb / 25P
Lead?밼ree soldering compatible
MGN1107MS-TR STANLEY-MGN1107MS-TR Datasheet
718Kb / 24P
Light source for surveillance camera竊똭ight auxiliary light
More results


Similar Description - MGN

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC739 PICKER-PC739 Datasheet
310Kb / 4P
Heavy Duty Power Relay
logo
OEN India Limited
31H OENINDIA-31H Datasheet
301Kb / 1P
HEAVY DUTY POWER RELAY
63D-12-1AE OENINDIA-63D-12-1AE Datasheet
77Kb / 1P
HEAVY DUTY POWER RELAY
33H OENINDIA-33H Datasheet
1Mb / 1P
HEAVY DUTY POWER RELAY
35HA1A-6X OENINDIA-35HA1A-6X Datasheet
101Kb / 2P
HEAVY DUTY AUTOMOTIVE POWER RELAY
35HT-1A-12Z-13 OENINDIA-35HT-1A-12Z-13 Datasheet
133Kb / 2P
HEAVY DUTY AUTOMOTIVE POWER RELAY
OEN53H OENINDIA-OEN53H Datasheet
462Kb / 2P
HEAVY DUTY POWER RELAY
OEN54 OENINDIA-OEN54 Datasheet
488Kb / 2P
HEAVY DUTY AUTOMOTIVE POWER RELAY
OEN62 OENINDIA-OEN62 Datasheet
338Kb / 1P
HEAVY-DUTY POWER RELAY
OEN63 OENINDIA-OEN63 Datasheet
326Kb / 1P
HEAVY DUTY POWER RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com