Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF2B Datasheet (PDF) - Omron Electronics LLC

XF2B Datasheet PDF - Omron Electronics LLC
Part # XF2B
Download  XF2B Download
File Size   323.94 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Rotary Backlock Connector (0.3 mm-pitch, Dual Contact)

XF2B Datasheet (PDF)

Go To PDF Page Download Datasheet
XF2B Datasheet PDF - Omron Electronics LLC

Part # XF2B
Download  XF2B Click to download

File Size   323.94 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Rotary Backlock Connector (0.3 mm-pitch, Dual Contact)

XF2B Datasheet (HTML) - Omron Electronics LLC


XF2B Product details

Rotary Backlock Mechanism with 0.3 mm-pitch Design

• Wide molding wall on the rear bottom of the connector allows greater freedom in board design
• Dual contact reduces the number of parts
• Gold plated with an applicable FPC thickness of 0.2 mm
• Halogen Free (See note)
    Note: OMRON uses the following standard to determine halogenfree construction: 900 ppm max. for Br, 900 ppm max. for Cl, and 1,500 ppm max. for Br+Cl.
• RoHS Compliant




Similar Part No. - XF2B

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF2-20 XFMRS-XF2-20 Datasheet
42Kb / 1P
TRANSFORMER
XF2-5GPOL XFMRS-XF2-5GPOL Datasheet
735Kb / 2P
TRANSFORMER MODULES
XF2-5GPOLA XFMRS-XF2-5GPOLA Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLB XFMRS-XF2-5GPOLB Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
XF2-5GPOLC XFMRS-XF2-5GPOLC Datasheet
95Kb / 2P
2.5G BASE-T TRANSFORMER MODULES
More results


Similar Description - XF2B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2C OMRON-XF2C Datasheet
296Kb / 4P
Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF2K OMRON-XF2K Datasheet
241Kb / 4P
Rotary Backlock Connector (0.4-mm Pitch, Dual Contact)
XF2M OMRON-XF2M Datasheet
240Kb / 4P
Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2W OMRON-XF2W Datasheet
259Kb / 4P
Rotary Backlock Connector (0.5-mm Pitch, Dual Contact)
XF3A OMRON-XF3A Datasheet
278Kb / 4P
Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF3B OMRON-XF3B Datasheet
321Kb / 4P
Rotary Backlock Connector (0.3-mm Pitch, Dual Contact)
XF3C OMRON-XF3C Datasheet
278Kb / 4P
Rotary Backlock Connector (0.25-mm Pitch, Dual Contact)
XF3H OMRON-XF3H Datasheet
245Kb / 4P
Rotary Frontlock Connector (0.3-mm Pitch, Lower Contact)
XF2M_1011 OMRON-XF2M_1011 Datasheet
192Kb / 4P
Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF3M OMRON-XF3M Datasheet
399Kb / 4P
Rotary Backlock Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com