Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC608 Datasheet (PDF) - Hittite Microwave Corporation

HMC608 Datasheet PDF - Hittite Microwave Corporation
Part # HMC608
Download  HMC608 Download
File Size   295.12 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz

HMC608 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC608 Datasheet PDF - Hittite Microwave Corporation

Part # HMC608
Download  HMC608 Click to download

File Size   295.12 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz

HMC608 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC608

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC608 HITTITE-HMC608 Datasheet
374Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608LC4 HITTITE-HMC608LC4 Datasheet
1Mb / 6P
GaAs pHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608LC4 HITTITE-HMC608LC4 Datasheet
342Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
logo
Analog Devices
HMC608LC4 AD-HMC608LC4 Datasheet
367Kb / 8P
GaAs pHEMT MEDIUM POWER AMPLIFIER
HMC608LC4 AD-HMC608LC4 Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMC608

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC498LC4 HITTITE-HMC498LC4 Datasheet
333Kb / 6P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC590LP5 HITTITE-HMC590LP5 Datasheet
373Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5 Datasheet
367Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC608 HITTITE-HMC608 Datasheet
374Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608LC4 HITTITE-HMC608LC4 Datasheet
342Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC498LC4 HITTITE-HMC498LC4_09 Datasheet
231Kb / 6P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC591LP5 HITTITE-HMC591LP5_09 Datasheet
273Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
HMC608LC4 HITTITE-HMC608LC4_10 Datasheet
1Mb / 6P
GaAs pHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
HMC608 HITTITE-HMC608_10 Datasheet
298Kb / 8P
GaAs PHEMT MEDIUM POWER AMPLIFIER, 9.5 - 11.5 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com