Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC752LC4 Datasheet (PDF) - Hittite Microwave Corporation

HMC752LC4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC752LC4
Download  HMC752LC4 Download
File Size   254.36 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 28 GHz

HMC752LC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC752LC4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC752LC4
Download  HMC752LC4 Click to download

File Size   254.36 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 28 GHz

HMC752LC4 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC752LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC752LC4 HITTITE-HMC752LC4 Datasheet
254Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 28 GHz
HMC752LC4 HITTITE-HMC752LC4 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
HMC752LC4 HITTITE-HMC752LC4 Datasheet
967Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 28 GHz
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
MMIC AMPLIFIER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC752LC4 HITTITE-HMC752LC4_10 Datasheet
967Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 28 GHz
More results


Similar Description - HMC752LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH140 HITTITE-HMC-ALH140 Datasheet
124Kb / 3P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH369 HITTITE-HMC-ALH369 Datasheet
134Kb / 3P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH140 HITTITE-HMC-ALH140_07 Datasheet
178Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH244 HITTITE-HMC-ALH244 Datasheet
186Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC752LC4 HITTITE-HMC752LC4 Datasheet
254Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 28 GHz
HMC-ALH364 HITTITE-HMC-ALH364 Datasheet
180Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 32 GHz
HMC752LC4 HITTITE-HMC752LC4_10 Datasheet
967Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 28 GHz
HMC-ALH140 HITTITE-HMC-ALH140_09 Datasheet
184Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH244 HITTITE-HMC-ALH244_09 Datasheet
192Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
HMC-ALH364 HITTITE-HMC-ALH364_09 Datasheet
180Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 32 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com