Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC764LP6CE Datasheet (PDF) - Hittite Microwave Corporation

HMC764LP6CE Datasheet PDF - Hittite Microwave Corporation
Part # HMC764LP6CE_10
Download  HMC764LP6CE Download
File Size   801.45 Kbytes
Page   14 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.3 - 8.2 GHz

HMC764LP6CE Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC764LP6CE Datasheet PDF - Hittite Microwave Corporation

Part # HMC764LP6CE_10
Download  HMC764LP6CE Click to download

File Size   801.45 Kbytes
Page   14 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.3 - 8.2 GHz

HMC764LP6CE Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC764LP6CE_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC764LP6CE HITTITE-HMC764LP6CE_11 Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO, 7.3 - 8.2 GHz
More results


Similar Description - HMC764LP6CE_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC764LP6CE HITTITE-HMC764LP6CE Datasheet
678Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.3 - 8.2 GHz
HMC765LP6CE HITTITE-HMC765LP6CE Datasheet
677Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.8 - 8.8 GHz
HMC783LP6CE HITTITE-HMC783LP6CE Datasheet
665Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
HMC807LP6CE HITTITE-HMC807LP6CE Datasheet
644Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
HMC765LP6CE HITTITE-HMC765LP6CE_10 Datasheet
807Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 7.8 - 8.8 GHz
HMC783LP6CE HITTITE-HMC783LP6CE_10 Datasheet
787Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 11.5 - 12.5 GHz
HMC807LP6CE HITTITE-HMC807LP6CE_10 Datasheet
778Kb / 14P
FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 12.4 - 13.4 GHz
HMC764LP6CE HITTITE-HMC764LP6CE_11 Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO, 7.3 - 8.2 GHz
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
Fractional-N Synthesizer Integrated VCO
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com