Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC774 Datasheet (PDF) - Hittite Microwave Corporation

HMC774 Datasheet PDF - Hittite Microwave Corporation
Part # HMC774
Download  HMC774 Download
File Size   250.54 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC FUNDAMENTAL MIXER, 7 - 43 GHz

HMC774 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC774 Datasheet PDF - Hittite Microwave Corporation

Part # HMC774
Download  HMC774 Click to download

File Size   250.54 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC FUNDAMENTAL MIXER, 7 - 43 GHz

HMC774 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC774

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC774 HITTITE-HMC774 Datasheet
556Kb / 6P
GaAs MMIC Fundam ental Mixer, 7 - 43 GHz
logo
Analog Devices
HMC7748 AD-HMC7748 Datasheet
262Kb / 9P
58 dB typical small signal gain
REV. 0
HMC774A AD-HMC774A Datasheet
324Kb / 19P
7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
HMC774A-SX AD-HMC774A-SX Datasheet
324Kb / 19P
7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
HMC774ALC3B AD-HMC774ALC3B Datasheet
519Kb / 27P
7 GHz to 34 GHz, MMIC, Double Balanced Mixer
6/2018-Rev. 0 to Rev. A
More results


Similar Description - HMC774

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC329LC3B HITTITE-HMC329LC3B Datasheet
261Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC553 HITTITE-HMC553 Datasheet
270Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC553LC3B HITTITE-HMC553LC3B Datasheet
262Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC554LC3B HITTITE-HMC554LC3B Datasheet
273Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC774LC3B HITTITE-HMC774LC3B_09 Datasheet
222Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 34 GHz
HMC553 HITTITE-HMC553_09 Datasheet
218Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC553LC3B HITTITE-HMC553LC3B_09 Datasheet
188Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC554 HITTITE-HMC554_09 Datasheet
228Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC774 HITTITE-HMC774_10 Datasheet
556Kb / 6P
GaAs MMIC Fundam ental Mixer, 7 - 43 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com