Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC853LC3C Datasheet (PDF) - Hittite Microwave Corporation

HMC853LC3C Datasheet PDF - Hittite Microwave Corporation
Part # HMC853LC3C
Download  HMC853LC3C Download
File Size   289.44 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 28 Gbps, D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE

HMC853LC3C Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC853LC3C Datasheet PDF - Hittite Microwave Corporation

Part # HMC853LC3C
Download  HMC853LC3C Click to download

File Size   289.44 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 28 Gbps, D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE

HMC853LC3C Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC853LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC853LC3 HITTITE-HMC853LC3 Datasheet
639Kb / 8P
28 Gbps, D-TYPE FLIP-FLOP
HMC853LC3 HITTITE-HMC853LC3_12 Datasheet
639Kb / 8P
28 Gbps, D-TYPE FLIP-FLOP
More results


Similar Description - HMC853LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC747LC3C HITTITE-HMC747LC3C Datasheet
277Kb / 8P
13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC749LC3C HITTITE-HMC749LC3C Datasheet
283Kb / 8P
26 GHz, T FLIP-FLOP w/ RESET, PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC-C060 HITTITE-HMC-C060 Datasheet
170Kb / 6P
43 Gbps, D-TYPE FLIP-FLOP MODULE
HMC673LC3C HITTITE-HMC673LC3C Datasheet
266Kb / 8P
13 Gbps, D-Type Flip-Flop
HMC679LC3C HITTITE-HMC679LC3C Datasheet
469Kb / 8P
26 GHz, T FLIP-FLOP w/ RESET & PROGRAMMABLE OUTPUT VOLTAGE
HMC723LC3C HITTITE-HMC723LC3C Datasheet
668Kb / 8P
13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC723LP3E HITTITE-HMC723LP3E Datasheet
605Kb / 8P
13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC747LC3C HITTITE-HMC747LC3C_11 Datasheet
444Kb / 8P
14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC841LC4B HITTITE-HMC841LC4B Datasheet
1Mb / 8P
43 Gbps, D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC853LC3 HITTITE-HMC853LC3_12 Datasheet
639Kb / 8P
28 Gbps, D-TYPE FLIP-FLOP
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com