Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC860LP3E Datasheet (PDF) - Hittite Microwave Corporation

HMC860LP3E Datasheet PDF - Hittite Microwave Corporation
Part # HMC860LP3E
Download  HMC860LP3E Download
File Size   479.52 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description QUAD LOW NOISE HIGH PSRR LINEAR VOLTAGE REGULATOR

HMC860LP3E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC860LP3E Datasheet PDF - Hittite Microwave Corporation

Part # HMC860LP3E
Download  HMC860LP3E Click to download

File Size   479.52 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description QUAD LOW NOISE HIGH PSRR LINEAR VOLTAGE REGULATOR

HMC860LP3E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC860LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC860LP3E HITTITE-HMC860LP3E Datasheet
900Kb / 10P
QUAD LOW NOISE HIGH PSRR LINEAR VOLTAGE REGULATOR
logo
Analog Devices
HMC860LP3E AD-HMC860LP3E Datasheet
688Kb / 10P
Test Instrumentation
logo
Hittite Microwave Corpo...
HMC860LP3E HITTITE-HMC860LP3E_11 Datasheet
900Kb / 10P
QUAD LOW NOISE HIGH PSRR LINEAR VOLTAGE REGULATOR
More results


Similar Description - HMC860LP3E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8940 MAXIM-MAX8940 Datasheet
264Kb / 9P
Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator
Rev 0; 6/09
logo
Eutech Microelectronics...
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
600mA Low Noise High PSRR Low Dropout Linear Regulator
logo
Hittite Microwave Corpo...
HMC976LP3E HITTITE-HMC976LP3E Datasheet
1Mb / 12P
400mA LOW NOISE, HIGH PSRR LINEAR VOLTAGE REGULATOR
HMC860LP3E HITTITE-HMC860LP3E_11 Datasheet
900Kb / 10P
QUAD LOW NOISE HIGH PSRR LINEAR VOLTAGE REGULATOR
logo
STMicroelectronics
LD59015XX STMICROELECTRONICS-LD59015XX Datasheet
1Mb / 16P
150 mA low noise high PSRR linear voltage regulator
06-Jul-2012
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
Low Noise, High PSRR, 1A Linear Regulator
logo
ON Semiconductor
NCP110 ONSEMI-NCP110 Datasheet
873Kb / 16P
Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
logo
Monolithic Power System...
MP20056 MPS-MP20056 Datasheet
853Kb / 15P
Low-Noise, High-PSRR, 250mA Linear Regulator
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com