Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSB35 Datasheet (PDF) - Powersem GmbH

PSB35 Datasheet PDF - Powersem GmbH
Part # PSB35
Download  PSB35 Download
File Size   135.65 Kbytes
Page   2 Pages
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH
Description Single Phase Rectifier Bridge

PSB35 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSB35 Datasheet PDF - Powersem GmbH

Part # PSB35
Download  PSB35 Click to download

File Size   135.65 Kbytes
Page   2 Pages
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH
Description Single Phase Rectifier Bridge

PSB35 Datasheet (HTML) - Powersem GmbH


PSB35 Product details

IdAVM = 35 A

VRRM = 800-1800 V



Features

• Package with screw terminals

• Isolation voltage 3000 V∼

• Planar glass passivated chips

• Blocking voltage up to 1800 V

• Low forward voltage drop

• UL registered E 148688



Applications

• Supplies for DC power equipment

• Input rectifier for PWM inverter

• Battery DC power supplies

• Field supply for DC motors



Advantages

• Easy to mount with two screws

• Space and weight savings

• Improved temperature and power cycling capability



 




Similar Part No. - PSB35

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB35T POWERSEM-PSB35T Datasheet
159Kb / 1P
Single Phase Rectifier Bridge
PSB35T08 POWERSEM-PSB35T08 Datasheet
159Kb / 1P
Single Phase Rectifier Bridge
PSB35T12 POWERSEM-PSB35T12 Datasheet
159Kb / 1P
Single Phase Rectifier Bridge
PSB35T14 POWERSEM-PSB35T14 Datasheet
159Kb / 1P
Single Phase Rectifier Bridge
PSB35T16 POWERSEM-PSB35T16 Datasheet
159Kb / 1P
Single Phase Rectifier Bridge
More results


Similar Description - PSB35

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com