Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD112 Datasheet (PDF) - Powersem GmbH

PSD112 Datasheet PDF - Powersem GmbH
Part # PSD112
Download  PSD112 Download
File Size   200.37 Kbytes
Page   2 Pages
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH
Description Three Phase Rectifier Bridges

PSD112 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSD112 Datasheet PDF - Powersem GmbH

Part # PSD112
Download  PSD112 Click to download

File Size   200.37 Kbytes
Page   2 Pages
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH
Description Three Phase Rectifier Bridges

PSD112 Datasheet (HTML) - Powersem GmbH


PSD112 Product details

 IdAVM = 127 A

 VRRM = 800-1800 V



Features

• Package with screw terminals

• Isolation voltage 3000 V∼

• Planar glasspassivated chips

• Blocking voltage up to 1800 V

• Low forward voltage drop

• UL registered, E148688



Applications

•Supplies for DC power equipment

•Input rectifiers for PWM inverter

•Battery DC power supplies

•Field supply for DC motors




Similar Part No. - PSD112

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PSD1-A-0505E PEAK-PSD1-A-0505E Datasheet
387Kb / 3P
1.5 kV - 3 kV DC I/O Isolation
PSD1-A-0506E PEAK-PSD1-A-0506E Datasheet
387Kb / 3P
1.5 kV - 3 kV DC I/O Isolation
PSD1-A-0509E PEAK-PSD1-A-0509E Datasheet
387Kb / 3P
1.5 kV - 3 kV DC I/O Isolation
PSD1-A-0512E PEAK-PSD1-A-0512E Datasheet
387Kb / 3P
1.5 kV - 3 kV DC I/O Isolation
PSD1-A-0515E PEAK-PSD1-A-0515E Datasheet
387Kb / 3P
1.5 kV - 3 kV DC I/O Isolation
More results


Similar Description - PSD112

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO82 IXYS-VUO82 Datasheet
29Kb / 1P
Three Phase Rectifier Bridges
logo
Powersem GmbH
PSD31 POWERSEM-PSD31 Datasheet
104Kb / 1P
Three Phase Rectifier Bridges
PSD35 POWERSEM-PSD35 Datasheet
153Kb / 2P
Three Phase Rectifier Bridges
PSD36 POWERSEM-PSD36 Datasheet
109Kb / 2P
Three Phase Rectifier Bridges
PSD41 POWERSEM-PSD41 Datasheet
160Kb / 2P
Three Phase Rectifier Bridges
PSD50 POWERSEM-PSD50 Datasheet
122Kb / 1P
Three Phase Rectifier Bridges
PSD62 POWERSEM-PSD62 Datasheet
178Kb / 2P
Three Phase Rectifier Bridges
PSD75 POWERSEM-PSD75 Datasheet
170Kb / 2P
Three Phase Rectifier Bridges
PSD192 POWERSEM-PSD192 Datasheet
203Kb / 2P
Three Phase Rectifier Bridges
logo
Inchange Semiconductor ...
PSD25-16 ISC-PSD25-16 Datasheet
339Kb / 3P
Three Phase Rectifier Bridges
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com