Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTCLM317L Datasheet (PDF) - Unisonic Technologies

UTCLM317L Datasheet PDF - Unisonic Technologies
Part # UTCLM317L
Download  UTCLM317L Download
File Size   47.92 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR

UTCLM317L Datasheet (PDF)

Go To PDF Page Download Datasheet
UTCLM317L Datasheet PDF - Unisonic Technologies

Part # UTCLM317L
Download  UTCLM317L Click to download

File Size   47.92 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR

UTCLM317L Datasheet (HTML) - Unisonic Technologies


UTCLM317L Product details

DESCRIPTION
The UTC LM317L is a monolithic integrated circuit, designed for use as positive adjustable voltage regulator. It is designed to supply until 100mA of load current with an output voltage adjustable over a 1.25V to 37V range.

FEATURES
* Output voltage range: 1.25V to 37V
* Output current in excess of 100mA
* Line regulation typ. 0.01%
* Load regulation typ. 0.1%
* Thermal overload protection
* Short circuit protection
* Output transistor safe area compensation
* Floating operation for high voltage applications




Similar Part No. - UTCLM317L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Similar Description - UTCLM317L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
130Kb / 8P
LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
LM217L STMICROELECTRONICS-LM217L_05 Datasheet
536Kb / 13P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
23-Dec-2005
LM217L STMICROELECTRONICS-LM217L_07 Datasheet
290Kb / 18P
Low current 1.2 to 37V adjustable voltage regulator
18-May-2007
logo
Unisonic Technologies
LM317L UTC-LM317L Datasheet
215Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317L ETL-LM317L Datasheet
215Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317L UTC-LM317L_16 Datasheet
196Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317L UTC-LM317L_V01 Datasheet
428Kb / 6P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com