Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSTD82 Datasheet (PDF) - Powersem GmbH

PSTD82 Datasheet PDF - Powersem GmbH
Part # PSTD82
Download  PSTD82 Download
File Size   158.52 Kbytes
Page   2 Pages
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH
Description Three Phase Rectifier Bridge (TRACTION - PACTM)

PSTD82 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSTD82 Datasheet PDF - Powersem GmbH

Part # PSTD82
Download  PSTD82 Click to download

File Size   158.52 Kbytes
Page   2 Pages
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH
Description Three Phase Rectifier Bridge (TRACTION - PACTM)

PSTD82 Datasheet (HTML) - Powersem GmbH


PSTD82 Product details

IdAV = 88 A

VRRM = 800-1800V



Features

• Package with screw terminals

• Isolation voltage 3000 V∼

• Planar glass passivated chips

• Blocking voltage up to 1800 V

• Low forward voltage drop



Applications

• Supplies for DC power equipment

• Input rectifier for PWM inverter

• Battery DC power supplies

• Field supply for DC motors



Advantages

• Easy to mount with two screws

• Space and weight savings

• Improved temperature and power cycling capability



 




Similar Part No. - PSTD82

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSTD-1109 ETC2-PSTD-1109 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Caliber Electronics Inc...
PSTD-1109 CALIBER-PSTD-1109 Datasheet
25Kb / 1P
SMD Power Inductor
logo
List of Unclassifed Man...
PSTD-1109-100M-B ETC2-PSTD-1109-100M-B Datasheet
24Kb / 1P
SMD Power Inductor
logo
Caliber Electronics Inc...
PSTD-1109-100M-B CALIBER-PSTD-1109-100M-B Datasheet
25Kb / 1P
SMD Power Inductor
logo
List of Unclassifed Man...
PSTD-1109-100M-T ETC2-PSTD-1109-100M-T Datasheet
24Kb / 1P
SMD Power Inductor
More results


Similar Description - PSTD82

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
FUO22-12N IXYS-FUO22-12N Datasheet
32Kb / 2P
Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
FUE30-12N1 IXYS-FUE30-12N1 Datasheet
66Kb / 3P
Fast Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
FUS45-0045B IXYS-FUS45-0045B Datasheet
36Kb / 1P
Schottky Three Phase Rectifier Bridge in ISOPLUS i4-PACTM
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com